Electronic Components Datasheet Search
  English  ▼

X  

1345CAPC Datasheet(PDF) 8 Page - Agere Systems

Part # 1345CAPC
Description  1345-Type Receiver with Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1345CAPC Datasheet(HTML) 8 Page - Agere Systems

Back Button 1345CAPC Datasheet HTML 4Page - Agere Systems 1345CAPC Datasheet HTML 5Page - Agere Systems 1345CAPC Datasheet HTML 6Page - Agere Systems 1345CAPC Datasheet HTML 7Page - Agere Systems 1345CAPC Datasheet HTML 8Page - Agere Systems 1345CAPC Datasheet HTML 9Page - Agere Systems 1345CAPC Datasheet HTML 10Page - Agere Systems 1345CAPC Datasheet HTML 11Page - Agere Systems 1345CAPC Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Agere Systems Inc.
1345-Type Receiver with
Data Sheet
Clock Recovery and Data Retiming
January 2000
PWB Layout Guidelines
s
Follow high-speed ECL design rules.
s
All high-speed output lines must be controlled-impedance lines, and the termination impedance must match
the line impedance. Controlled-impedance interruptions should be avoided (i.e., 90° bends, etc.) and paired lines
(i.e., DATA and DATA) should be of equal length.
s
Each output line should be terminated at the end of the line and must have a bypass capacitor on the voltage
side of the resistor for each termination.
s
Data and clock output lines should be as short and as straight as possible and isolated from noise sources (and
each other) to prevent noise from feeding back into the receiver.
s
Noise that couples into the receiver through the power supply pins can degrade device performance. See
Figure 2 for an example of power supply filtering for the receiver 5 V power supply pins.
s
Use a multilayer board so that the ground plane surrounds the areas occupied by the receiver and directly under-
neath it. Directly attach all pins listed as ground pins to the ground plane with no additional lead length.
All unused outputs must be terminated as shown. All resistors are 1/8 W, thin-film, ceramic chips. All capacitors are
25 Vdc, ceramic X7R or equivalent.
Qualification and Reliability
To help ensure high product reliability and customer satisfaction, Agere Systems is committed to an intensive qual-
ity program that starts in the design phase and proceeds through the manufacturing process. Optoelectronics mod-
ules are qualified to Agere Systems internal standards using MIL-STD-883 test methods and procedures and using
sampling techniques consistent with
Telcordia Technologies requirements. The 1345 series of receivers have
undergone an extensive and rigorous set of qualification tests. This qualification program fully meets the intent of
Telcordia Technologies reliability practices TR-NWT-000468 and TA-NWT-000983. In addition, the design, develop-
ment, and manufacturing facility of the Optoelectronics unit at Agere Systems is certified to be in full compliance
with the latest
ISO ®-9001 Quality System Standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com