Electronic Components Datasheet Search
  English  ▼

X  

PE44429 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44429
Description  SSMA Female Bulkhead Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, .177 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44429 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44429 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44429 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMA Female Bulkhead Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL,
.177 inch D Hole
Configuration
Connector
SSMA Female
Connector Interface Type
PE-047SR,PE-SR047AL,PE-SR047FL
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.685 [17.4]
Width/Dia., in [mm]
0.375 [9.53]
.
Weight, lbs [g]
0.008 [3.63]
Connector
Type
SSMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SSMA Female Bulkhead Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, .177 inch D Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMA Female Bulkhead Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-
SR047FL, .177 inch D Hole PE44429
URL:
http://www.pasternack.com/ssma-female-standard-pe-047sr-pe-sr047al-pe-sr047fl-connector-pe44429-p.aspx
PE44429
PE44429 REV
SSMA Female Bulkhead Connector Solder Attachment For
PE-047SR, PE-SR047AL, PE-SR047FL, .177 inch D Hole


Similar Part No. - PE44429

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4442 PASTERNACK-PE4442 Datasheet
227Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .640 inch DD Hole
PE4442 PASTERNACK-PE4442 Datasheet
321Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4442 PASTERNACK-PE4442 Datasheet
291Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE4442-DS PASTERNACK-PE4442-DS Datasheet
291Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE44420 PASTERNACK-PE44420 Datasheet
250Kb / 2P
SSMA Male Right Angle Connector Solder Attachment For PE-034SR
More results

Similar Description - PE44429

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44441 PASTERNACK-PE44441 Datasheet
251Kb / 2P
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44421 PASTERNACK-PE44421 Datasheet
270Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44436 PASTERNACK-PE44436 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 2 Hole Flange For PE-047SR, PE-SR047AL, PE-SR047FL, .328 inch Hole Spacing
PE4581 PASTERNACK-PE4581 Datasheet
232Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, .235 inch D Hole
PE4946 PASTERNACK-PE4946 Datasheet
216Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, .640 inch DD Hole
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44785 PASTERNACK-PE44785 Datasheet
331Kb / 3P
SMP Female Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44438 PASTERNACK-PE44438 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange For PE-047SR, PE-SR047AL, PE-SR047FL, .232 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com