Electronic Components Datasheet Search
  English  ▼

X  

PE44441 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44441
Description  SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44441 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44441 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44441 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMA Male Connector Solder Attachment For
PE-047SR, PE-SR047AL, PE-SR047FL
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
Configuration
Connector
SSMA Male
Connector Interface Type
PE-047SR,PE-SR047AL,PE-SR047FL
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.445 [11.3]
Width/Dia., in [mm]
0.25 [6]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
SSMA Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
1/4
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL PE44441
URL:
http://www.pasternack.com/ssma-male-standard-pe-047sr-pe-sr047al-pe-sr047fl-connector-pe44441-p.aspx
PE44441
PE44441 REV


Similar Part No. - PE44441

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4444 PASTERNACK-PE4444 Datasheet
105Kb / 1P
N FEMALE PANEL MOUNT ,590
PE4444 PASTERNACK-PE4444 Datasheet
354Kb / 3P
N Female Connector Solder Attachment 4 Hole Flang
PE44440 PASTERNACK-PE44440 Datasheet
219Kb / 3P
SSMA Male Connector Solder Attachment For PE-034SR
PE44442 PASTERNACK-PE44442 Datasheet
206Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp - Solder Attachment For RG59, RG62
PE44443 PASTERNACK-PE44443 Datasheet
838Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp/Solder Attachment For RG179, RG187
More results

Similar Description - PE44441

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44335 PASTERNACK-PE44335 Datasheet
261Kb / 2P
1.85mm Male Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44421 PASTERNACK-PE44421 Datasheet
270Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4974 PASTERNACK-PE4974 Datasheet
228Kb / 3P
BNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44459 PASTERNACK-PE44459 Datasheet
215Kb / 2P
MMCX Jack Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4404 PASTERNACK-PE4404 Datasheet
384Kb / 3P
SMA Male Connector Solder Attachment For PE - 047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44797 PASTERNACK-PE44797 Datasheet
286Kb / 3P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR047FL, PE-SR047AL, PE-047SR
PE44757 PASTERNACK-PE44757 Datasheet
373Kb / 3P
SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com