Electronic Components Datasheet Search
  English  ▼

X  

2606B Datasheet(PDF) 4 Page - Agere Systems

Part # 2606B
Description  2606B Return-Path Photodiode Receiver Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

2606B Datasheet(HTML) 4 Page - Agere Systems

  2606B Datasheet HTML 1Page - Agere Systems 2606B Datasheet HTML 2Page - Agere Systems 2606B Datasheet HTML 3Page - Agere Systems 2606B Datasheet HTML 4Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
2606B Return-Path Photodiode Receiver Module
August 2000
For additional information, contact your Agere Systems Account Manager or the following:
INTERNET:
http://www.agere.com
E-MAIL:
docmaster@micro.lucent.com
N. AMERICA:
Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA PACIFIC: Agere Systems Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256
Tel. (65) 778 8833, FAX (65) 777 7495
CHINA:
Agere Systems (Shanghai) Co., Ltd., 33/F Jin Mao Tower, 88 Century Boulevard Pudong, Shanghai 200121 PRC
Tel. (86) 21 50471212, FAX (86) 21 50472266
JAPAN:
Agere Systems Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan
Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700
EUROPE:
Data Requests: DATALINE: Tel. (44) 7000 582 368, FAX (44) 1189 328 148
Technical Inquiries: OPTOELECTRONICS MARKETING: (44) 1344 865 900 (Ascot UK)
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
Copyright © 2001 Agere Systems Inc.
All Rights Reserved
August 2000
DS00-293OPTO
Outline Diagram
Dimensions are in inches and (millimeters).
Ordering Information
* Other options available. For additional ordering information, please contact an account manager at OPTO West, Agere Systems Inc., 1-800-
362-3891 (for sales staff, please press option 2).
Table 4. Ordering Information*
Device Code
Description
Connector
Pigtail
Comcode
2606B
Return-Path Photodiode Receiver Module
None
Single mode,
9
µm/125 µm;
2 m—3 m
108867300
0.018
(0.457)
0.196
(4.978)
0.118
(2.997)
0.230
(5.842)
0.500
(12.7) 0.300
(7.62)
0.800
(20.32)
0.600
(15.24)
PIN 14
PIN 1
.100 TYP
1-1183(F)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com