Electronic Components Datasheet Search
  English  ▼

X  

1345CBPC Datasheet(PDF) 5 Page - Agere Systems

Part # 1345CBPC
Description  1345-Type Receiver with Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1345CBPC Datasheet(HTML) 5 Page - Agere Systems

  1345CBPC Datasheet HTML 1Page - Agere Systems 1345CBPC Datasheet HTML 2Page - Agere Systems 1345CBPC Datasheet HTML 3Page - Agere Systems 1345CBPC Datasheet HTML 4Page - Agere Systems 1345CBPC Datasheet HTML 5Page - Agere Systems 1345CBPC Datasheet HTML 6Page - Agere Systems 1345CBPC Datasheet HTML 7Page - Agere Systems 1345CBPC Datasheet HTML 8Page - Agere Systems 1345CBPC Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Agere Systems Inc.
Data Sheet
1345-Type Receiver with
January 2000
Clock Recovery and Data Retiming
Recommended User Interface (continued)
1-725(C).b
Figure 2. PECL-Compatible (5 V) Interface
1-870(C).d
Figure 3. ac-Coupled ECL-Compatible Interface
OPTICAL
FIBER
1345
ALR
10
82
Ω
124
Ω
7
4
5
CLOCK*
CLOCK*
9
11
82
Ω
124
Ω
124
Ω
124
Ω
DATA*
DATA*
2.2 µF
2.2 µF
1 µH
5.0 V
TOP
VIEW
82
Ω
82
Ω
0.1 µF
14
12
FLAG
FLAG
VPIN
OPTICAL
FIBER
1345
CLOCK
0.1 µF
CLOCK
0.1 µF
300
Ω
300
Ω
DATA
0.1 µF
DATA
0.1 µF
300
Ω
300
Ω
4
9
7
5
11
2.2 µF
5.0 V
2.2 µF
1 µH
0.1 µF
14
12
FLAG
FLAG
* DATA, DATA, CLOCK, and CLOCK are 50
Ω transmission lines that can be ac- or dc-coupled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com