Electronic Components Datasheet Search
  English  ▼

X  

269-2 Datasheet(PDF) 2 Page - Agere Systems

Part # 269-2
Description  69-Type 14xx nm DFB Pump Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

269-2 Datasheet(HTML) 2 Page - Agere Systems

  269-2 Datasheet HTML 1Page - Agere Systems 269-2 Datasheet HTML 2Page - Agere Systems 269-2 Datasheet HTML 3Page - Agere Systems 269-2 Datasheet HTML 4Page - Agere Systems 269-2 Datasheet HTML 5Page - Agere Systems 269-2 Datasheet HTML 6Page - Agere Systems 269-2 Datasheet HTML 7Page - Agere Systems 269-2 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet
269-Type 14xx nm DFB Pump Laser Module
June 2001
2
Agere Systems Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Handling Precautions
Electrostatic Discharge
CAUTION: This device is susceptible to damage as a result of electrostatic discharge (ESD). Take proper
precautions during both handling and testing. Follow guidelines such as
EIA * Standard EIA 625.
Agere Systems Inc. employs a human-body model (HBM) for ESD-susceptibility testing and protection-design eval-
uation. ESD voltage thresholds are dependent on the critical parameters used to define the model. A standard
HBM (resistance = 1.5 k
Ω, capacitance = 100 pF) is widely used and, therefore, can be used for comparison pur-
poses. The HBM ESD withstand voltage established for the 269-type laser pump module is ±500 V.
*
EIA is a registered trademark of The Electronic Industries Association.
Parameter
Symbol
Min
Max
Unit
Operating Case Temperature Range
TC
075
°C
Storage Case Temperature Range
Tstg
–40
85
°C
Laser Forward Bias (TEC on):
PO = 120 mW—150 mW
PO = 160 mW—210 mW
PO = 220 mW—280 mW
IF
—
—
—
1000
1500
1900
mA
mA
mA
Laser Reverse Voltage
VR
—2
V
Photodiode Reverse Voltage
VRMON
—20
V
TEC Current
ITEC
—2.2
A
TEC Voltage
VTEC
—5.0
V
Temperature Sensor Current
ITS
—5
mA
Laser Diode Operating Chip Temperature
TLD
—40
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com