Electronic Components Datasheet Search
  English  ▼

X  

PW182RB Datasheet(PDF) 2 Page - SL Power Electronics

Part # PW182RB
Description  Universal 17 Watt (IEEE802.3af Compliant)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW182RB Datasheet(HTML) 2 Page - SL Power Electronics

  PW182RB Datasheet HTML 1Page - SL Power Electronics PW182RB Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PW182RB
Universal 17 Watt (IEEE802.3af Compliant)
PoE Gigabit
Output
Max
Ripple
Ault Part Number
Voltage
Min
Max
Watts
Vp-p max.
PW182RB4800_01
48V
0.00A
0.35A
17W
480mV
Output Currents
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
DataSheet©2007SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.12/21/07
For the most current data and application support visit www.slpower.com
SpecifytheInputConfigurationCodeinyourorder.
Input Configuration
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
PW182
R
B
48
00
_
01
Product
Manufacturing
Design
Voltage
Connector
Input
Standard
Family
Location
Revision
DC
Configuration/
(nomodifications
Name
(volumedependent)
Changes
ModelType
ModelType
orspecialpackaging)
Ault Part Number Key
Approvalsand
Safety
cULus:UL/CSA60950
Standards
TUV:EN60950
CE:LVD,EMCD
MTBF
100,000CalculatedHours
Weight
(excludingcord)
7Ounces,200Grams
CaseandDimension
5.24Lx2.13Wx1.42H(in)
133.0Lx54.0Wx36.0H(mm)
CaseMaterial
Black94V0
Polycarbonate
General Specifications (continued from p. 1)
PoEGigabitPin-outConnections:
Data
Pins4/5(Data+PWR)
Data
Pins1/2(DataOnly)
Data
Pins3/6(DataOnly)
Data
Pins7/8(Data+PWR)
Note:
=Transformer
Pin Connections
8 7 6 5 4 3 2 1
8 7 6 5 4 3 2 1
J2
J1
(PowerandDataOut)
(DataIn)
(RearofUnit)
POWER(+)
POWER(-)
Options(additionalcostsmayapply):
•Customlabelartwork
•Customagencyapprovalsavailable
•Surgeprotection(Input&Output)
•Mountingbracket
•CustomPoEmodifications
Personalized PoE
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
LEDFunctions:
AmberPowerOn
GreenPowerActive
Blink
LoadError



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com