Electronic Components Datasheet Search
  English  ▼

X  

3970 Datasheet(PDF) 1 Page - Agere Systems

Part # 3970
Description  3970-Type 1550 nm Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

3970 Datasheet(HTML) 1 Page - Agere Systems

  3970 Datasheet HTML 1Page - Agere Systems 3970 Datasheet HTML 2Page - Agere Systems 3970 Datasheet HTML 3Page - Agere Systems 3970 Datasheet HTML 4Page - Agere Systems 3970 Datasheet HTML 5Page - Agere Systems 3970 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3970-Type 1550 nm Transmitter
Data Sheet
October 2001
Features
s
Extremely fast time to market and very low engi-
neering investment
s
Superior CNR, CSO, and CTB performance on two
high-power optical outputs
s
Mobile field-tuning application provides real-time
performance optimization
s
High SBS suppression capabilities enhance archi-
tectural options and coverage
s
Multiple programmable tuning optimizations per
transmitter facilitate inventory management and
performance across architectures
Applications
s
High-performance supertrunking links
s
High-launch power distribution networks
s
Redundant analog ring architectures
Description
The 3970-type, externally modulated 1550 nm trans-
mitter provides CATV systems integrators one of the
fastest and easiest paths to customer value-added,
high-performance solutions.
The 1550 nm transmitter engine incorporates a
source laser optimized to improve transmitter and link
performance with high specifications and better sig-
nal quality. This advantage drives superior control of
RIN through fiber and management of dispersion,
stimulated brillouin scattering, and self-phase modu-
lation for better noise and distortion performance
over long-distance applications.
The transmitter embedded system software also pro-
vides the ability to load and store multiple configura-
tions of the transmitter tuning parameters. In this way,
a single transmitter can be optimized for more than
one set of link characteristics. This feature simplifies
inventory and reduces multiple device management.
The software controls, monitors, generates/pro-
cesses alarms, and handles faults for transmitter
subsystems. The system software also accommo-
dates three interfaces for two-way communication
with the transmitter. A two-line front panel user inter-
face provides system status and telemetry, and
accepts user commands. Fine tuning can be accom-
plished in the field through an RS-232 serial inter-
face. System software upgrades can be downloaded
on-the-fly into the transmitter via this interface. A
well-defined API at the RS-485 network interface will
enable custom applications and network manage-
ment systems to communicate with and control the
transmitter.


Similar Part No. - 3970

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3970 ADAFRUIT-3970 Datasheet
212Kb / 1P
USB Micro B F emale Socket to 5 pin Terminal Block
logo
Molex Electronics Ltd.
39700 MOLEX-39700 Datasheet
40Kb / 1P
Eurostyle™ Terminal Blocks
07/06/2016
39700-0104 MOLEX-39700-0104 Datasheet
40Kb / 1P
Eurostyle™ Terminal Blocks
07/06/2016
logo
Qualtek Electronics Cor...
397001-01 QUALTEK-397001-01 Datasheet
163Kb / 1P
POWER CORD
397002-01 QUALTEK-397002-01 Datasheet
167Kb / 1P
POWER CORD
More results

Similar Description - 3970

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
1550 nm Externally Modulated Transmitter
logo
Optoway Technology Inc
SPS-9350V-2TG OPTOWAY-SPS-9350V-2TG Datasheet
116Kb / 5P
1550 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
logo
Emcore Corporation
3998 EMCORE-3998 Datasheet
580Kb / 7P
1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
1550 nm Externally Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
8000-U EMCORE-8000-U Datasheet
750Kb / 8P
Medallion 8000 Series 1550 nm Directly-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com