Electronic Components Datasheet Search
  English  ▼

X  

PW183RC Datasheet(PDF) 1 Page - SL Power Electronics

Part # PW183RC
Description  Universal 32 Watt (IEEE802.3af Non-Compliant)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW183RC Datasheet(HTML) 1 Page - SL Power Electronics

  PW183RC Datasheet HTML 1Page - SL Power Electronics PW183RC Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PW183RC
Universal 32 Watt (IEEE802.3af Non-Compliant)
PoE Plus
Topology
Switching-Fixed
FrequencyFlyback
DielectricWithstand
Primary-Secondary
3000VAC,4250VDC
Secondary-Ground
500VDC
Spacing
5mmPrimary-Secondary
LeakageCurrent
Lessthan250uA
Efficiency
75.1%min.
EMCInformation
Emissions
FCCPart15.
ClassB
EN55022.
ClassB
Harmonic
EN61000-3-2
VFF
EN61000-3-3
ESD
EN61000-4-2.
Level2
RFEFI
EN61000-4-3.
Level2
EFT
EN61000-4-4.
Level2
Surge
EN61000-4-5.
Level3
CDI
EN61000-4-6.
Level2
CD
EN61000-4-8.
Level1
VoltageDips
EN61000-4-11
CE
LVD,EMC,RoHS,WEEE,CECompliant
Hold-upTime
@120VAC
18msmin.typ.
StorageTemp
-30°Cto+85°C
Approvalsand
Safety
cULus:UL/CSA60950
Standards
TUV:EN60950
CE:LVD,EMCD
MTBF
100,000CalculatedHours
General Specifications
Specifications
•10/100(MbPS)DataRates
•Self-containedInjector
•100-250VACUniversalInput
•DesktopStyle/Non-ventedCase
•IEEE802.3afNon-Compliant
•PowerONLED
•UNHIOLTestReport
•OverLoadShutdownandShortCircuitProtection
•RegulatedOutputWithLowRipple
•ComplieswithEMI/RFIRegulations
•CECompliant
•Midspan
International Safety Standard Approvals
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
CombinedLineandLoad
ExcludingCord
±1%
VoltageRegulation
Ripple
1%Vp-pmax.
TransientResponse
0.5msfor50%
LoadChangeTypical
Protection
FoldbackOvercurrent
Protection,
ShortCircuitProtection
Output Specifications
ACInputVoltageRange
100-250VAC-10%,+6%
LineFrequency
47-63Hz
ACInputCurrent
1.0Amax.
Protection
InternalPrimary
CurrentFuse,
InrushLimiting
Input Specifications
ThermalPerformance OperatingTemperature 0°Cto40°C
NoDerating,
ConvectionalCooling
NonVentedCase
RelativeHumidity
Non-Condensing
5%to95%
Altitude
0-10,000feet
Environmental Specifications


Similar Part No. - PW183RC

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW183RA SLPOWER-PW183RA Datasheet
310Kb / 2P
Universal 32 Watt (IEEE802.3af Non-Compliant)
PW183RB SLPOWER-PW183RB Datasheet
312Kb / 2P
Universal 30 Watt (IEEE802.3af Compliant)
PW183RD SLPOWER-PW183RD Datasheet
309Kb / 2P
Universal 30 Watt (IEEE802.3af Compliant)
PW183RD4800 SLPOWER-PW183RD4800_01 Datasheet
309Kb / 2P
Universal 30 Watt (IEEE802.3af Compliant)
More results

Similar Description - PW183RC

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PENT1040A SLPOWER-PENT1040A Datasheet
258Kb / 2P
Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040C SLPOWER-PENT1040C Datasheet
257Kb / 2P
Universal 40 Watt (IEEE802.3af Non-Compliant)
PW182RA SLPOWER-PW182RA Datasheet
308Kb / 2P
Universal 19 Watt (IEEE802.3af Non-Compliant)
PW182RB SLPOWER-PW182RB Datasheet
309Kb / 2P
Universal 17 Watt (IEEE802.3af Compliant)
PW182RC SLPOWER-PW182RC Datasheet
307Kb / 2P
Universal 19 Watt (IEEE802.3af Non-Compliant)
PW182RD SLPOWER-PW182RD Datasheet
308Kb / 2P
Universal 17 Watt (IEEE802.3af Compliant)
PW183RA SLPOWER-PW183RA Datasheet
310Kb / 2P
Universal 32 Watt (IEEE802.3af Non-Compliant)
PW183RB SLPOWER-PW183RB Datasheet
312Kb / 2P
Universal 30 Watt (IEEE802.3af Compliant)
PW183RD SLPOWER-PW183RD Datasheet
309Kb / 2P
Universal 30 Watt (IEEE802.3af Compliant)
PW1283RD SLPOWER-PW1283RD Datasheet
309Kb / 2P
Universal 30 Watt (IEEE802.3af Compliant)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com