Electronic Components Datasheet Search
  English  ▼

X  

PE4012 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4012
Description  UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4012 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4012 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
UHF Female Connector Solder Attachment 4 Hole
Flange Solder Cup Terminal, .718 inch Hole Spacing
UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
Configuration
Connector
UHF Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.036 [26.31]
Width/Dia., in [mm]
1 [25]
Height, in [mm]
1 [25.4]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
UHF Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Zinc, Nickel
Dielectric Type
Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/uhf-female-standard-solder-cup-terminal-connector-pe4012-p.aspx
UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s
broadest selection of RF, microwave and fiber optic products.
PE4012
PE4012 REV


Similar Part No. - PE4012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4012 PASTERNACK-PE4012 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4012 PASTERNACK-PE4012_16 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
More results

Similar Description - PE4012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4131 PASTERNACK-PE4131 Datasheet
239Kb / 2P
N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4241 PASTERNACK-PE4241 Datasheet
251Kb / 2P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4486 PASTERNACK-PE4486 Datasheet
229Kb / 3P
N Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44096 PASTERNACK-PE44096 Datasheet
220Kb / 3P
C Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44117 PASTERNACK-PE44117 Datasheet
240Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing, High Voltage
PE4218 PASTERNACK-PE4218_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com