Electronic Components Datasheet Search
  English  ▼

X  

PE4020 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4020
Description  UHF Male Connector Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4020 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4020 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4020 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
UHF Male Connector Solder Attachment For
RG213, RG214, RG8, RG9, RG225, RG393
UHF Male Connector Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
Configuration
Connector
UHF Male
Connector Interface Type
RG213,RG214,RG8,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 300
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +85
Size
Length, in [mm]
1.41 [35.81]
Width/Dia., in [mm]
0.7 [18]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
UHF Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/uhf-male-standard-rg213-rg214-rg8-rg9-rg225-rg393-connector-pe4020-p.aspx
UHF Male Connector Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393 from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE4020
PE4020 REV


Similar Part No. - PE4020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4020 PASTERNACK-PE4020 Datasheet
392Kb / 3P
UHF Male Connector Solder Attachment
PE4020 PASTERNACK-PE4020_16 Datasheet
392Kb / 3P
UHF Male Connector Solder Attachment
More results

Similar Description - PE4020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4109 PASTERNACK-PE4109 Datasheet
318Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG213.RG214,RG8,RG9,RG225,RG393
PE4182 PASTERNACK-PE4182 Datasheet
314Kb / 2P
HN Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4564 PASTERNACK-PE4564 Datasheet
214Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44050 PASTERNACK-PE44050 Datasheet
271Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4711 PASTERNACK-PE4711 Datasheet
478Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44055 PASTERNACK-PE44055 Datasheet
249Kb / 2P
UHF Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4062 PASTERNACK-PE4062 Datasheet
258Kb / 2P
N Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4088 PASTERNACK-PE4088 Datasheet
269Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4659 PASTERNACK-PE4659 Datasheet
235Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com