Electronic Components Datasheet Search
  English  ▼

X  

PE4030 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4030
Description  SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4030 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4030 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4030 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
Configuration
Connector
SMA Female
Connector Interface Type
RG316,RG174,RG188
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.875 [22.23]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188 PE4030
URL: http://www.pasternack.com/sma-female-standard-rg316-rg174-rg188-connector-pe4030-p.aspx
PE4030
PE4030 REV
SMA Female Connector Clamp/Solder
Attachment For RG316, RG174, RG188


Similar Part No. - PE4030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4030 PASTERNACK-PE4030 Datasheet
317Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4030 PASTERNACK-PE4030_16 Datasheet
317Kb / 3P
SMA Female Connector Clamp/Solder Attachment
More results

Similar Description - PE4030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4040 PASTERNACK-PE4040 Datasheet
89Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
PE4798 PASTERNACK-PE4798 Datasheet
114Kb / 1P
REVERSE POLARITY SMA FEMALE SOLDER ATTACHMENT FOR RG174 RG188 &RG316
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4437 PASTERNACK-PE4437 Datasheet
117Kb / 1P
N FEMALE CLAMP ATTACHMENT FOR RG174 RG188 & RG316
PE4796 PASTERNACK-PE4796 Datasheet
206Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4188 PASTERNACK-PE4188 Datasheet
89Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 & RG316
PE44363 PASTERNACK-PE44363 Datasheet
306Kb / 2P
10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE44192 PASTERNACK-PE44192 Datasheet
217Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4770 PASTERNACK-PE4770 Datasheet
296Kb / 3P
RP SMA Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com