Electronic Components Datasheet Search
  English  ▼

X  

PE4140 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4140
Description  N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4140 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4140 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4140 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male Precision Connector Solder Attachment
For PE-SR402AL, PE-SR402FL, RG402
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
Configuration
Connector
N Male
Connector Specification
MIL-STD-348A
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.965 [24.51]
Width/Dia., in [mm]
0.827 [21]
Weight, lbs [g]
0.082 [37.19]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/n-male-standard-pe-sr402al-pe-sr402fl-rg402-connector-pe4140-p.aspx
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE4140
PE4140 REV


Similar Part No. - PE4140

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
285Kb / 10P
Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140 Datasheet
269Kb / 10P
Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
269Kb / 10P
Ultra-High Linearity UltraCMOS
logo
Pasternack Enterprises,...
PE4140 PASTERNACK-PE4140 Datasheet
381Kb / 4P
N Male Connector Solder Attachment
logo
Peregrine Semiconductor...
PE4140-06DFN PEREGRINE-PE4140-06DFN Datasheet
285Kb / 10P
Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
More results

Similar Description - PE4140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4376 PASTERNACK-PE4376 Datasheet
285Kb / 3P
N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4434 PASTERNACK-PE4434 Datasheet
121Kb / 1P
N MAELE SOLDER/CLAMP FOR RG401 PE-SR401AL & PE-SR401FL
PE4907 PASTERNACK-PE4907 Datasheet
213Kb / 2P
SMA Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4380 PASTERNACK-PE4380 Datasheet
122Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR RG401 PE-SR401AL & PE-SR401FL
PE44289 PASTERNACK-PE44289 Datasheet
116Kb / 1P
7/16 FEMALE, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
PE4908 PASTERNACK-PE4908 Datasheet
219Kb / 3P
BNC Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4909 PASTERNACK-PE4909 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4942 PASTERNACK-PE4942 Datasheet
104Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG401 PE-SR401AL & PE-SR401FL
PE4930 PASTERNACK-PE4930 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE44071 PASTERNACK-PE44071 Datasheet
126Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com