Electronic Components Datasheet Search
  English  ▼

X  

PE7047-5 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7047-5
Description  5 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7047-5 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7047-5 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7047-5 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7047-5 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
5 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To
12.4 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
N Male
Connector 2
N Female
Body Material and Plating
Passivated Stainless Steel
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Attenuation Value, dB
5
Maximum Input Power, Watts
2
Frequency 1
Range, GHz
DC to 4
VSWR
1.15:1
Attenuation Accuracy, dB
± 0.3
Frequency 2
Range, GHz
4 to 8
VSWR
1.2:1
Attenuation Accuracy, dB
± 0.3
Frequency 3
Range, GHz
8 to 12.4
VSWR
1.25:1
Attenuation Accuracy, dB
± 0.3
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +125
Size
Length, in [mm]
1.765 [44.83]
Width, in [mm]
0.8 [20.32]
.
Connector 1
Type
N Male
Connector Specification
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Passivated Stainless Steel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 5 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts
Up To 12.4 GHz PE7047-5
PE7047-5
PE7047-5 REV
5 dB Fixed Attenuator, N Male To N Female Passivated
Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz


Similar Part No. - PE7047-5

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7047-5 PASTERNACK-PE7047-5 Datasheet
231Kb / 4P
5 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-5 PASTERNACK-PE7047-5_16 Datasheet
231Kb / 4P
5 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results

Similar Description - PE7047-5

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7047-2 PASTERNACK-PE7047-2 Datasheet
219Kb / 3P
2 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-7 PASTERNACK-PE7047-7 Datasheet
219Kb / 3P
7 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-9 PASTERNACK-PE7047-9 Datasheet
219Kb / 3P
9 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-1 PASTERNACK-PE7047-1 Datasheet
219Kb / 3P
1 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-8 PASTERNACK-PE7047-8 Datasheet
219Kb / 3P
8 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-3 PASTERNACK-PE7047-3 Datasheet
219Kb / 3P
3 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-4 PASTERNACK-PE7047-4 Datasheet
219Kb / 3P
4 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-12 PASTERNACK-PE7047-12 Datasheet
219Kb / 3P
12 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-30 PASTERNACK-PE7047-30 Datasheet
219Kb / 3P
30 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-15 PASTERNACK-PE7047-15 Datasheet
219Kb / 3P
15 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com