Electronic Components Datasheet Search
  English  ▼

X  

PE4173 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4173
Description  75 Ohm SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole, Front Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4173 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4173 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4173 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Jack Bulkhead Connector Solder Attachment
Solder Cup Terminal, .295 inch D Hole, Front Mount
75 Ohm SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole, Front
Mount
Configuration
Connector
SMC Jack
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.61 [15.49]
Width/Dia., in [mm]
0.375 [10]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-jack-standard-solder-cup-terminal-connector-pe4173-p.aspx
75 Ohm SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole, Front Mount from
Pasternack Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the
industry’s broadest selection of RF, microwave and fiber optic products.
PE4173
PE4173 REV


Similar Part No. - PE4173

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4173 PASTERNACK-PE4173 Datasheet
349Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4173 PASTERNACK-PE4173_16 Datasheet
349Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results

Similar Description - PE4173

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4172 PASTERNACK-PE4172 Datasheet
284Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D HOLE
PE4169 PASTERNACK-PE4169 Datasheet
287Kb / 1P
75 ohm smc Jack Bulkhead Connector SOLDER Attachment Solder Cup Terminal, .295 inch D Hole Read mount
PE4287 PASTERNACK-PE4287 Datasheet
868Kb / 2P
75 Ohm SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D Hole
PE4290 PASTERNACK-PE4290 Datasheet
205Kb / 2P
75 Ohm SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4291 PASTERNACK-PE4291 Datasheet
205Kb / 2P
75 Ohm SMC Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4171 PASTERNACK-PE4171 Datasheet
818Kb / 2P
SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4286 PASTERNACK-PE4286 Datasheet
213Kb / 3P
75 Ohm SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4107 PASTERNACK-PE4107_16 Datasheet
315Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4169 PASTERNACK-PE4169_16 Datasheet
317Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4173 PASTERNACK-PE4173_16 Datasheet
349Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com