Electronic Components Datasheet Search
  English  ▼

X  

PE4247 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4247
Description  BNC Male Connector Crimp/Solder Attachment For PE-B150, RG180, RG195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4247 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4247 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4247 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male Connector Crimp/Solder Attachment
For PE-B150, RG180, RG195
BNC Male Connector Crimp/Solder Attachment For PE-B150, RG180, RG195
Configuration
Connector
BNC Male
Connector Interface Type
PE-B150,RG180,RG195
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.134 [28.8]
Width/Dia., in [mm]
0.57 [14]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-male-standard-pe-b150-rg180-rg195-connector-pe4247-p.aspx
BNC Male Connector Crimp/Solder Attachment For PE-B150, RG180, RG195 from Pasternack Enterprises has same day
shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE4247
PE4247 REV


Similar Part No. - PE4247

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4247 PASTERNACK-PE4247 Datasheet
370Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4247 PASTERNACK-PE4247_17 Datasheet
370Kb / 3P
BNC Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4247

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4383 PASTERNACK-PE4383 Datasheet
224Kb / 3P
BNC Male Connector Clamp/Solder Attachment For PE-B150, RG180, RG195
PE4163 PASTERNACK-PE4163 Datasheet
257Kb / 2P
75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4633 PASTERNACK-PE4633 Datasheet
222Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B150
PE4777 PASTERNACK-PE4777 Datasheet
257Kb / 2P
RP SMA Malle Connector Crimp/Solder Attachment For RG180, RG195
PE4164 PASTERNACK-PE4164 Datasheet
257Kb / 2P
75 Ohm SMC Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4580 PASTERNACK-PE4580 Datasheet
214Kb / 2P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4776 PASTERNACK-PE4776 Datasheet
255Kb / 2P
RP SMA Male Connector Clamp/Solder Attachment For RG180, RG195
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
PE4578 PASTERNACK-PE4578 Datasheet
205Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG180, RG195
PE4158 PASTERNACK-PE4158 Datasheet
219Kb / 3P
75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com