Electronic Components Datasheet Search
  English  ▼

X  

PE4268 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4268
Description  SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4268 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4268 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4268 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMB Jack
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.65 [16.51]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
SMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188 PE4268
URL: http://www.pasternack.com/smb-jack-standard-rg174-rg316-rg188-connector-pe4268-p.aspx
PE4268
PE4268 REV
SMB Jack Connector Clamp/Solder Attachment
For RG174, RG316, RG188


Similar Part No. - PE4268

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
logo
Peregrine Semiconductor
PE4268 PSEMI-PE4268 Datasheet
308Kb / 11P
SP6T UltraCMOS 2.6 V Switch
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268 Datasheet
308Kb / 11P
SP6T UltraCMOS
logo
Pasternack Enterprises,...
PE4268 PASTERNACK-PE4268 Datasheet
316Kb / 3P
SMB Jack Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4268-52 PEREGRINE-PE4268-52 Datasheet
308Kb / 11P
SP6T UltraCMOS
More results

Similar Description - PE4268

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4270 PASTERNACK-PE4270 Datasheet
838Kb / 2P
SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE44093 PASTERNACK-PE44093 Datasheet
162Kb / 1P
SHV JACK BULKHEAD CLAMP ATTACHMENT FOR RG174 RG188 RG316
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4276 PASTERNACK-PE4276 Datasheet
262Kb / 2P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4096 PASTERNACK-PE4096 Datasheet
291Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4097 PASTERNACK-PE4097 Datasheet
271Kb / 3P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4498 PASTERNACK-PE4498 Datasheet
535Kb / 2P
SHV Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4200 PASTERNACK-PE4200 Datasheet
310Kb / 2P
SMB Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com