Electronic Components Datasheet Search
  English  ▼

X  

PE4280 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4280
Description  75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4280 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4280 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4280 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D Hole
Configuration
Connector
SMB Jack
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.84 [21.34]
Width/Dia., in [mm]
0.344 [8.74]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D
Hole PE4280
URL: http://www.pasternack.com/smb-jack-standard-rg59-rg62-connector-pe4280-p.aspx
PE4280
PE4280 REV
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder
Attachment For RG59, RG62, .177 inch D Hole


Similar Part No. - PE4280

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
SPDT CATV UltraCMOS Switch
PE4280 PSEMI-PE4280 Datasheet
882Kb / 8P
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
More results

Similar Description - PE4280

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4203 PASTERNACK-PE4203 Datasheet
263Kb / 2P
75 Ohm SMB Plug Connector Clamp/ Solder Attachment For RG59, RG62
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4274 PASTERNACK-PE4274 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4315 PASTERNACK-PE4315 Datasheet
302Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE44125 PASTERNACK-PE44125 Datasheet
226Kb / 3P
75 Ohm Mini SMB Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44125 PASTERNACK-PE44125 Datasheet
226Kb / 3P
75 Ohm Mini SMB Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE4516 PASTERNACK-PE4516 Datasheet
214Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4282 PASTERNACK-PE4282 Datasheet
212Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole
PE4264 PASTERNACK-PE4264 Datasheet
218Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com