Electronic Components Datasheet Search
  English  ▼

X  

PE4301 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4301
Description  Banana Plug Connector Crimp/Solder Attachment For RG58
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4301 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4301 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4301 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Banana Plug Connector Crimp/Solder Attachment For RG58
Configuration
Connector
Banana Plug
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
0
Mechanical Specifications
Size
Length, in [mm]
2.5 [63.5]
Width/Dia., in [mm]
1.175 [29.85]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
Banana Plug
Contact Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
ABS
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Banana Plug Connector Crimp/Solder Attachment For RG58 from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Banana Plug Connector Crimp/Solder Attachment For RG58 PE4301
URL: http://www.pasternack.com/banana-plug-standard-rg58-connector-pe4301-p.aspx
PE4301
PE4301 REV
Banana Plug Connector Crimp/Solder Attachment For RG58


Similar Part No. - PE4301

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4301 PASTERNACK-PE4301 Datasheet
356Kb / 3P
Double Banana Plug Connector Crimp/Solder Attachment
PE4301 PASTERNACK-PE4301_16 Datasheet
356Kb / 3P
Double Banana Plug Connector Crimp/Solder Attachment
More results

Similar Description - PE4301

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4194 PASTERNACK-PE4194 Datasheet
259Kb / 2P
SHV Plug Connector Crimp/Solder Attachment For RG58
PE4557 PASTERNACK-PE4557 Datasheet
220Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG58
PE4558 PASTERNACK-PE4558 Datasheet
200Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG58
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PE4882 PASTERNACK-PE4882 Datasheet
216Kb / 2P
MCX Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4522 PASTERNACK-PE4522 Datasheet
245Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4523 PASTERNACK-PE4523 Datasheet
258Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG58
PE45193 PASTERNACK-PE45193 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp - Solder Attachment for RG58
PE44295 PASTERNACK-PE44295 Datasheet
458Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG58
PE4301 PASTERNACK-PE4301_16 Datasheet
356Kb / 3P
Double Banana Plug Connector Crimp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com