Electronic Components Datasheet Search
  English  ▼

X  

CA16 Datasheet(PDF) 23 Page - Agere Systems

Part # CA16
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16 Datasheet(HTML) 23 Page - Agere Systems

Back Button CA16 Datasheet HTML 19Page - Agere Systems CA16 Datasheet HTML 20Page - Agere Systems CA16 Datasheet HTML 21Page - Agere Systems CA16 Datasheet HTML 22Page - Agere Systems CA16 Datasheet HTML 23Page - Agere Systems CA16 Datasheet HTML 24Page - Agere Systems CA16 Datasheet HTML 25Page - Agere Systems CA16 Datasheet HTML 26Page - Agere Systems CA16 Datasheet HTML 27Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Timing Characteristics (continued)
PHERR/PHINIT
Case 1—PHERR and PHINIT are shorted on the
printed-circuit board:
PHINIT would go high whenever there is a potential tim-
ing mismatch between PCLK and PICLK. PHINIT would
remain high as long as the timing mismatch between
PCLK and PICLK. If PHINIT is high for more than two
byte clocks, the FIFO will be initialized. PHINIT will ini-
tialize the FIFO two-to-eight byte clocks after it is high
for at least two byte clocks, PHERR (and thus PHINIT)
goes active once the FIFI is initialized.
Case 2—PHERR signal is input to the customer logic
and the customer logic outputs a signal to PHINIT:
Another possible configuration is where the PHERR
signal is input into the customer logic and the customer
logic sends an output to the PHINIT input. However,
the customer logic must ensure that, upon detecting a
high on PHERR, the PHINIT signal remains high for
more than two byte clocks. If PHINIT is high for less
than two byte clocks, the FIFO is not guaranteed to be
initialized. Also, the customer logic must ensure that
PHINIT goes low after the FIFO is initialized (PHERR
goes low).
Figure 9. PHERR/PHINIT Timing
PHERR
PHINIT
PCLK
PICLK
INTERNAL
PCLK
MINIMUM PULSE
WIDTH REQUIRED
TO CENTER
THE FIFO
2 BYTE
CLOCKS
2—8 BYTE CLOCKS
CUSTOMER ASIC SENDS A
MINIMUM PULSE WIDTH OF
2 BYTE CLOCKS UPON DETECTING
A HIGH ON PHERR
FIFO IS INITIALIZED 2—8 BYTE CLOCKS
AFTER PHINIT IS HIGH FOR 2 BYTE CLOCKS
PHERR GOES HIGH ON
DETECTING A FIFO TIMING ERROR
1125(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com