Electronic Components Datasheet Search
  English  ▼

X  

PE4451 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4451
Description  TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4451 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4451 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4451 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4451 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Male Right Angle Connector Crimp/
Solder Attachment For RG58
TNC Male Right Angle Connector Crimp/Solder Attachment For RG58
Configuration
Connector
TNC Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.35:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.35 [34.29]
Width/Dia., in [mm]
0.591 [15]
Height, in [mm]
1.146 [29.11]
Weight, lbs [g]
0.068 [30.84]
Connector
Type
TNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Right Angle Connector Crimp/Solder Attachment For RG58 PE4451
PE4451
PE4451 REV


Similar Part No. - PE4451

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4451 PASTERNACK-PE4451 Datasheet
400Kb / 4P
TNC Male Right Angle Connector Crimp/Crimp Attachment
PE44510 PASTERNACK-PE44510 Datasheet
202Kb / 2P
QMA Female Connector Solder Attachment Surface Mount PCB
PE44511 PASTERNACK-PE44511 Datasheet
209Kb / 2P
QMA Female Right Angle Connector Solder Attachment Surface Mount PCB
PE44512 PASTERNACK-PE44512 Datasheet
206Kb / 2P
QMA Female Connector Solder Attachment Thru Hole PCB
PE44513 PASTERNACK-PE44513 Datasheet
292Kb / 2P
QMA Female Right Angle Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE4451

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4405 PASTERNACK-PE4405 Datasheet
283Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4730 PASTERNACK-PE4730 Datasheet
230Kb / 3P
RP BNC Male Right Angle Connector Crimp - Solder Attachment For RG58
PE4959 PASTERNACK-PE4959 Datasheet
221Kb / 3P
C Male Right Angle Connector Crimp-Solder Attachment For RG58
PE4156 PASTERNACK-PE4156 Datasheet
268Kb / 3P
TNC Male Connector Crimp - Solder Attachment For RG58
PE45065 PASTERNACK-PE45065 Datasheet
367Kb / 2P
TNC Male Connector Crimp - Solder Attachment for RG58-P, RG122
PE4458 PASTERNACK-PE4458 Datasheet
230Kb / 3P
TNC Female Connector Crimp - Solder Attachment For RG58
PE4450 PASTERNACK-PE4450_16 Datasheet
377Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4453 PASTERNACK-PE4453_16 Datasheet
318Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4455 PASTERNACK-PE4455_16 Datasheet
320Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com