Electronic Components Datasheet Search
  English  ▼

X  

CW20P Datasheet(PDF) 2 Page - Agere Systems

Part # CW20P
Description  CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CW20P Datasheet(HTML) 2 Page - Agere Systems

  CW20P Datasheet HTML 1Page - Agere Systems CW20P Datasheet HTML 2Page - Agere Systems CW20P Datasheet HTML 3Page - Agere Systems CW20P Datasheet HTML 4Page - Agere Systems CW20P Datasheet HTML 5Page - Agere Systems CW20P Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CW20P-Type
Advance Data Sheet, Rev. 1
CW Tunable, Wavelength-Stabilized Laser Module
June 2001
2
2
Agere Systems Inc.
Module Processing
The module can withstand normal wave soldering pro-
cesses. The complete transmitter module is not her-
metically sealed; therefore, it should not be immersed
in or sprayed with any cleaning solution or solvents.
The process cap and fiber pigtail jacket can deform at
temperatures greater than 85 °C. The transmitter pins
can be wave-soldered at a maximum temperature of
250 °C for 10 seconds.
Connector Options
The standard fiber-optic pigtail is an 8
µm core PMF
panda-type fiber. (914
µm) diameter, tight-buffered
outer jacket. The standard length is 39 in. ± 4 in.
(1 m ± 10 cm) and is terminated with an
ST ® optical
connector.
Installation Considerations
Although the module has been designed with rugged-
ness in mind, care should be used during handling.
The optical connector should be kept free from dust,
and the process cap should be kept in place as a dust
cover when the device is not connected to a cable. If
contamination is present on the optical connector, the
use of canned air with an extension tube should
remove any debris. Other cleaning procedures are
identified in the
Cleaning Fiber-Optic Assemblies Tech-
nical Note (TN95-010LWP).
Pin Information
1. Laser back-facet and bias alarm functions are customer-use
options that are not required for normal operations of the transmit-
ter and are normally used during manufacture and for diagnostics.
The output will optionally be either a logic signal or an analog volt-
age. All alarm, select, and enable signals are active-high.
2. NUC = no user connection.
Table 1. Pin Descriptions
Pin Number
Name
1
Ground (TEC)
2
Back-facet Monitor1
3
Bias Monitor/Laser Degrade Alarm1
4
CW Enable
5
NUC2
6
Ground
7
Wavelength-Deviation Error Alarm
8
RS-232 Interface (Tx)
9
RS-232 Interface (Rx)
10
Dither Input
11
Ground
12
VEE
13
VCC
14
VTEC (TEC supply voltage)
15
Ground
16
NUC2
17
Ground
18
NUC2
19
Ground
20
NUC2
21
Ground
22
NUC2
23
Ground
24
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com