Electronic Components Datasheet Search
  English  ▼

X  

PE4557 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4557
Description  SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG58
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4557 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4557 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4557 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4557 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG58
Configuration
Connector
SMC Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.62 [15.75]
Width/Dia., in [mm]
0.315 [8.00]
Height, in [mm]
0.81 [20.57]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Plug
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in.
1/4
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Right Angle Connector Crimp/Solder Attachment For RG58 PE4557
PE4557
PE4557 REV
SMC Plug Right Angle Connector Crimp/
Solder Attachment For RG58


Similar Part No. - PE4557

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4557 PASTERNACK-PE4557 Datasheet
315Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4557 PASTERNACK-PE4557_16 Datasheet
315Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4557

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4558 PASTERNACK-PE4558 Datasheet
200Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG58
PE44248 PASTERNACK-PE44248 Datasheet
248Kb / 2P
1.0/2.3 Plug Right Angle Connector Crimp/ Solder Attachment For RG58
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4882 PASTERNACK-PE4882 Datasheet
216Kb / 2P
MCX Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4522 PASTERNACK-PE4522 Datasheet
245Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE45193 PASTERNACK-PE45193 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp - Solder Attachment for RG58
PE44295 PASTERNACK-PE44295 Datasheet
458Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG58
PE4557 PASTERNACK-PE4557_16 Datasheet
315Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4051 PASTERNACK-PE4051_16 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4160 PASTERNACK-PE4160_16 Datasheet
374Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com