Electronic Components Datasheet Search
  English  ▼

X  

PE4559 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4559
Description  MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4559 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4559 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4559 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4559 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
Configuration
Connector
MCX Plug
Connector Specification
CECC 22220
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, MHz
DC to 1,000
VSWR
1.22:1
Frequency 2
Frequency, GHz
1 to 3
VSWR
1.35:1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.384 [9.75]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.002 [0.91]
Connector
Type
MCX Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE4559
PE4559
PE4559 REV
MCX Plug Connector Solder Attachment Thru Hole
PCB, .200 inch x .052 inch Hole Spacing


Similar Part No. - PE4559

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4559 PASTERNACK-PE4559 Datasheet
324Kb / 4P
MCX Plug Connector Solder Attachment Thru Hole PCB
PE4559 PASTERNACK-PE4559_16 Datasheet
324Kb / 4P
MCX Plug Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE4559

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44258 PASTERNACK-PE44258 Datasheet
249Kb / 3P
1.0/2.3 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE44307 PASTERNACK-PE44307 Datasheet
252Kb / 3P
MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44257 PASTERNACK-PE44257 Datasheet
220Kb / 2P
1.0-2.3 Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE4555 PASTERNACK-PE4555 Datasheet
204Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44304 PASTERNACK-PE44304 Datasheet
342Kb / 3P
75 Ohm MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE44375 PASTERNACK-PE44375 Datasheet
203Kb / 2P
RP MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44830 PASTERNACK-PE44830 Datasheet
372Kb / 3P
MCX Plug Right Angle Connector Solder Attachment Thru-Hole PCB, .200 inch x .067 inch Hole Spacing
PE4366 PASTERNACK-PE4366_16 Datasheet
345Kb / 3P
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
PE4367 PASTERNACK-PE4367_16 Datasheet
316Kb / 3P
SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com