Electronic Components Datasheet Search
  English  ▼

X  

CA16A2CNN Datasheet(PDF) 21 Page - Agere Systems

Part # CA16A2CNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16A2CNN Datasheet(HTML) 21 Page - Agere Systems

Back Button CA16A2CNN Datasheet HTML 17Page - Agere Systems CA16A2CNN Datasheet HTML 18Page - Agere Systems CA16A2CNN Datasheet HTML 19Page - Agere Systems CA16A2CNN Datasheet HTML 20Page - Agere Systems CA16A2CNN Datasheet HTML 21Page - Agere Systems CA16A2CNN Datasheet HTML 22Page - Agere Systems CA16A2CNN Datasheet HTML 23Page - Agere Systems CA16A2CNN Datasheet HTML 24Page - Agere Systems CA16A2CNN Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Timing Characteristics (continued)
Forward Clocking
In some applications, it is necessary to forward-clock
the data in a SONET/SDH system. In this application,
the reference clock from which the high-speed serial
clock is synthesized and the parallel data clock both
originate from the same source on the customer appli-
cation circuit. The timing control logic in the CA16 tran-
sponder transmitter automatically generates an internal
load signal that has a fixed relationship to the reference
clock. The logic takes into account the variation of the
reference clock to the internal load signal over temper-
ature and voltage. The connections required to imple-
ment this clocking method are shown in Figure 7. The
setup and hold times for PICLK to TxD[0:15] must be
met by the customer logic.
Possible problems: to meet the jitter generation specifi-
cations required by SONET/SDH, the jitter of the refer-
ence clock must be minimized. It could be difficult to
meet the SONET jitter generation specifications using
a reference clock generated from the customer logic.
Figure 7. Forward Clocking of the CA16Transponder
CUSTOMER LOGIC
CA16 TRANSPONDER
FIFO
PLL
DIVIDER
TXREFCLK
16
PHERR
PHINIT
PCLK
PICLK
LOCKDET
TIMING
GENERATOR
INTERNAL
TXD[0:15]
CLOCK
DATA
CENTERS
FIFO
PCLK
OSCILLATOR
155.52 MHz
± 20 ppm
TXREFCLK
CLOCK
BUFFER
1-1122(F).a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com