Electronic Components Datasheet Search
  English  ▼

X  

PE4574 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4574
Description  7/16 DIN Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .975 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4574 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4574 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4574 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4574 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Connector Solder Attachment 4
Hole Panel Pin Terminal, .975 inch Hole Spacing
7/16 DIN Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .975 inch Hole Spacing
Configuration
Connector
7/16 DIN Female
Connector Specification
IEC 169-4
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Panel
Electrical Specifications
Frequency Range, GHz
DC to 7.5
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
2,700
Dielectric Withstanding Voltage, Vrms
4,000
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.846 [21.49]
Width/Dia., in [mm]
1.26 [32]
Weight, lbs [g]
0.185 [83.91]
Connector
Type
7/16 DIN Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .975 inch Hole
Spacing PE4574
PE4574
PE4574 REV


Similar Part No. - PE4574

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4574 PASTERNACK-PE4574 Datasheet
353Kb / 3P
7/16 DIN Female Connector Threaded Pin Attachment 4 Hole Flange Mount Pin Terminal
PE4574A PASTERNACK-PE4574A Datasheet
351Kb / 3P
7/16 DIN Female Connector Threaded Pin Attachment 4 Hole Flange Mount Pin Terminal
PE4574 PASTERNACK-PE4574_16 Datasheet
353Kb / 3P
7/16 DIN Female Connector Threaded Pin Attachment 4 Hole Flange Mount Pin Terminal
More results

Similar Description - PE4574

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4000 PASTERNACK-PE4000 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
PE4099 PASTERNACK-PE4099 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Panel Stub Terminal, .340 inch Hole Spacing
PE4013 PASTERNACK-PE4013 Datasheet
244Kb / 2P
N FEMALE Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .718 inch Hole SPACING
PE4573 PASTERNACK-PE4573 Datasheet
223Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .975 inch Hole Spacing
PE4328 PASTERNACK-PE4328 Datasheet
256Kb / 3P
N Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .718 inch Hole Spacing
PE4492 PASTERNACK-PE4492 Datasheet
212Kb / 2P
N Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .718 inch Hole Spacing
PE4183 PASTERNACK-PE4183 Datasheet
253Kb / 2P
HN Female Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .906 inch Hole Spacing
PE4573 PASTERNACK-PE4573_16 Datasheet
356Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4574 PASTERNACK-PE4574_16 Datasheet
353Kb / 3P
7/16 DIN Female Connector Threaded Pin Attachment 4 Hole Flange Mount Pin Terminal
PE4574A PASTERNACK-PE4574A Datasheet
351Kb / 3P
7/16 DIN Female Connector Threaded Pin Attachment 4 Hole Flange Mount Pin Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com