Electronic Components Datasheet Search
  English  ▼

X  

D2547P Datasheet(PDF) 2 Page - Agere Systems

Part # D2547P
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2547P Datasheet(HTML) 2 Page - Agere Systems

  D2547P Datasheet HTML 1Page - Agere Systems D2547P Datasheet HTML 2Page - Agere Systems D2547P Datasheet HTML 3Page - Agere Systems D2547P Datasheet HTML 4Page - Agere Systems D2547P Datasheet HTML 5Page - Agere Systems D2547P Datasheet HTML 6Page - Agere Systems D2547P Datasheet HTML 7Page - Agere Systems D2547P Datasheet HTML 8Page - Agere Systems D2547P Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Wavelength-Selected, High-Power D2587P-Type (with Wavelength
Data Sheet, Rev. 2
Locker)/D2547P-Type Isolated DFB Laser Modules
July 2001
2
2
Agere Systems Inc.
Description (continued)
Principles of Operation (Controlled Wave-
length)
The single-channel, wavelength-selected DFB (ILM) pack-
age contains internal wavelength-discriminating optics, i.e.,
two etalons and associated photodiodes. The output con-
sists of analog signals suitable for controlling the electrical
current of the thermoelectric cooler (TEC) and the DFB
laser.
Controlled Feedback
The module contains an internal optical isolator that sup-
presses optical feedback in laser-based, fiber-optic sys-
tems. Light reflected back to the laser is attenuated a
minimum of 30 dB.
Controlled Temperature
An integral TEC provides stable thermal characteristics.
The TEC allows for heating and cooling of the laser chip to
maintain a temperature of 25 °C for case temperatures from
–25 °C to +70 °C. The laser temperature is monitored by
the internal thermistor, which can be used with external cir-
cuitry to control the laser chip temperature.
Controlled Power
An internal, InGaAs, PIN photodiode functions as the back-
facet monitor. The photodiode monitors emission from the
rear facet of the laser and, when used in conjunction with
control circuitry, can control optical power launched into the
fiber. Normally, this configuration is used in a feedback
arrangement to maintain consistent laser output power.
Standard Package
The laser module is fabricated in a 14-pin, hermetic, metal/
ceramic butterfly package that incorporates a bias tee that
separates the dc-bias path from the RF input. The RF input
has a nominal 25
Ω impedance.
The laser module is equipped with
Fujikura* polarization-
maintaining fiber (PMF). The fiber is PANDA type and is the
same fiber that is used on the Agere Systems Inc. lithium
niobate modulators. It has a mode field diameter of
10.5
µm, a cladding diameter of 125 µm ±3 µm, and a
loose tube jacketed fiber 900
µm in diameter. Figure 1
shows the orientation of polarization in the fiber.
Agere Systems’ optoelectronic components are being qual-
ified to rigorous internal standards that are consistent with
Telcordia Technologies † TR-NWT-000468. All design and
manufacturing operations are
ISO § 9001 certified. The
module is being fully qualified for central office applications.
*
Fujikura is a registered trademark of Fujikura Ltd.
†
Telcordia Technologies is a trademark of Telcordia Technologies
Inc.
§
ISO is a registered trademark of The International Organization for
Standardization.
Figure 1. Polarization-Maintaining Fiber
Pin Information
1. A positive current through the thermoelectric heat pump cools the
laser.
2. Both leads should be grounded for optimum performance.
Table 1. Pin Descriptions
Pin
D2587P-Type
D2547P-Type
1
Thermistor
Thermistor
2
Thermistor
Thermistor
3
Laser dc Bias
(Cathode) (–)
Laser dc Bias
(Cathode) (–)
4
Back-facet Monitor
Anode (–)
Back-facet Monitor
Anode (–)
5
Back-facet Monitor
Cathode (+)
Back-facet Monitor
Cathode (+)
6TEC (+)1
TEC (+)1
7TEC (–)1
TEC (–)1
8
Case Ground
Case Ground
9
λ Photodiode 2 Anode
Case Ground
10
λ Photodiode 1 Anode
Case Ground
11
Laser Anode (+) 2
Laser Anode (+) 2
12
RF Laser Input
Cathode (–)
RF Laser Input
Cathode (–)
13
Laser Anode (+) 2
Laser Anode (+) 2
14
NC
Case Ground
CORE
STRESS ROD
PRINCIPLE POLARIZATION
AXIS
CLADDING
INNER COATING
OUTER COATING
(SILICON & ACRYLATE)
1-771(C).a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com