Electronic Components Datasheet Search
  English  ▼

X  

D2570 Datasheet(PDF) 4 Page - Agere Systems

Part # D2570
Description  D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2570 Datasheet(HTML) 4 Page - Agere Systems

  D2570 Datasheet HTML 1Page - Agere Systems D2570 Datasheet HTML 2Page - Agere Systems D2570 Datasheet HTML 3Page - Agere Systems D2570 Datasheet HTML 4Page - Agere Systems D2570 Datasheet HTML 5Page - Agere Systems D2570 Datasheet HTML 6Page - Agere Systems D2570 Datasheet HTML 7Page - Agere Systems D2570 Datasheet HTML 8Page - Agere Systems D2570 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Agere Systems Inc.
D2570, D2526G, D2555 Wavelength-Selected
Data Sheet, Rev. 3
Direct Modulated Isolated DFB Laser Module
July 2001
D2526 Characteristics
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are
the result of engineering evaluations. Typical values are for information purposes only and are not part of the testing
requirements.
* Standard operating condition is 5.0 V reverse bias.
† Ratio of thermistor resistance at 0 °C to thermistor resistance at 50 °C.
Table 1. Electrical Characteristics (at 25 °C laser temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Slope Efficiency
η
LF = 2 mW (CW)
0.06
0.09
0.13
mW/mA
Threshold Current
ITH
——
14
30
mA
Laser Forward Voltage
VLF
LF = 2 mW (CW)
—
1.3
1.8
V
Laser Submount Temperature
TLASER
—20
—
30
°C
Monitor Reverse-bias Voltage*
VRMON
—3
5
10
V
Monitor Current
IRMON
POL = 1 mW (CW)
0.1
0.3
1.5
mA
Monitor Dark Current
ID
IF = 0, VRMON = 5 V
—
0.01
0.1
µA
Input Impedance
ZIN
——
25
—
Ω
Thermistor Current
ITC
—
10
—
100
µA
Resistance Ratio†
—
—
9.1
—
9.6
—
Thermistor Resistance
RTH
TL = 25 °C
9.5
—
10.5
k
Ω
TEC Current
ITEC
TL = 25 °C, TC = 70 °C
—
0.6
1.0
A
TEC Voltage
VTEC
TL = 25 °C, TC = 70°C
—
1.3
2.0
V
TEC Capacity
∆TTC = 70 °C
—
—
50
°C
Table 2. Optical Characteristics (at 25 °C laser temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Optical Output Power
PPEAK
—2.0
—
—
mW
Center Wavelength
(See Table 10.)
λcTL = 25 °C
CW wavelength
1528.77
—
1610.06
nm
Line Width (3 dB full width)
∆λ
Modulated at 2.5 Gbits/s
at rated power
—2
10
MHz
Side-mode Suppression Ratio
SMSR
CW
30
—
—
dB
Optical Isolation
—
TC = 0 °C to 70 °C
30
—
—
dB
Wavelength Drift (EOL)
∆λ
Tested over
25-year lifetime
——
±0.1
nm
Center Wavelength Drift with
Case Temperature
∆λC/∆TC
0 °C
≤ TC ≤ 70 °C
—
—
1
pm/°C
Wavelength Temperature Tuning
Coefficient
—
—
—
0.095
—
nm/°C
Tracking Error
—
TC = –20 °C/25 °C/70 °C
—
—
1
dB
Table 3. Dispersion Performance
Parameter
Symbol
Test
Conditions
Min
Typ
Max
Unit
Dispersion Penalty for Extended Reach
DP
1800 ps/nm
—
—
2.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com