Electronic Components Datasheet Search
  English  ▼

X  

SPWW8F0E Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # SPWW8F0E
Description  Industry Standard SMT package Low thermal resistance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPWW8F0E Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button SPWW8F0E Datasheet HTML 9Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 10Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 11Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 12Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 13Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 14Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 15Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 16Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 17Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Rev. 0.00
Rev. 0.00
March 2011.
March 2011.
www.Acrich.com
www.Acrich.com
서식번호 : SSC- QP- 7- 07- 24 (Rev.00)
180
2
13
22
15.4± 1.0
13± 0.3
8. Reel Structure
( Tolerance:
±0.2, Unit: mm )
(1) Quantity : 1,500pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ± 0.2mm
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from
the carrier tape at the angle of 10º to the carrier tape
(4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
5.30± 0.1
1.30± 0.1
0.25± 0.05
4± 0.1
2± 0.05
8.0± 0.1
Φ
1.5
+0
.1
,-
0
Φ1
.5
mi
n
Package
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com