Electronic Components Datasheet Search
  English  ▼

X  

D370 Datasheet(PDF) 6 Page - Agere Systems

Part # D370
Description  D370-Type Digital Uncooled Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D370 Datasheet(HTML) 6 Page - Agere Systems

  D370 Datasheet HTML 1Page - Agere Systems D370 Datasheet HTML 2Page - Agere Systems D370 Datasheet HTML 3Page - Agere Systems D370 Datasheet HTML 4Page - Agere Systems D370 Datasheet HTML 5Page - Agere Systems D370 Datasheet HTML 6Page - Agere Systems D370 Datasheet HTML 7Page - Agere Systems D370 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet
D370-Type Digital Uncooled Laser Module
October 2000
6
Agere Sysems Inc.
Qualification Information
The D370-type laser module has passed the following qualification tests and meets the intent of
Telcordia Technol-
ogies TR-NWT-000468 for interoffice environments and TA-TSY-000983 for outside plant environments.
Table 3. D370-Type Laser Module Qualification Test Plan
Qualification Test
Conditions
Sample Size
Reference
Mechanical Shock
500 G
11
MIL-STD-883
Method 2002
Vibration
20 g, 20 Hz—2,000 Hz
11
MIL-STD-883
Method 2007
Solderability
—
11
MIL-STD-883
Method 2007
Thermal Shock
Delta T = 100
°C
11
MIL-STD-883
Method 2003
Fiber Pull
1 kg; 3 times
11
Telcordia Technologies
983
Accelerated (Biased) Aging
85
°C, 5,000 hrs.
25
Telcordia Technologies
983, Section 5.18
High-temperature Storage
85
°C, 2,000 hrs.
11
Telcordia Technologies
983
Temperature Cycling
500 cycles
11
Telcordia Technologies
983, Section 5.20
Cyclic Moisture Resistance
10 cycles
11
Telcordia Technologies
983, Section 5.23
Damp Heat
40
°C, 95% RH, 1344 hrs.
11
MIL-STD-202
Method 103
Internal Moisture
<5,000 ppm water vapor
11
MIL-STD-883
Method 1018
Flammability
—
—
TR357
Section 4.4.2.5
ESD Threshold
—
6
Telcordia Technologies
983, Section 5.22



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com