Electronic Components Datasheet Search
  English  ▼

X  

PE4609 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4609
Description  75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4609 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4609 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4609 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4609 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment For RG179, RG187
Configuration
Connector
BNC Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.48 [37.59]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
1.03 [26.16]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
BNC Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment For RG179,
RG187 PE4609
PE4609
PE4609 REV
75 Ohm BNC Male Right Angle Connector Clamp/
Solder Attachment For RG179, RG187


Similar Part No. - PE4609

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4600 PASTERNACK-PE4600 Datasheet
257Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG11
PE4600 PASTERNACK-PE4600 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4600 PASTERNACK-PE4600_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4601 PASTERNACK-PE4601 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG59
PE4601 PASTERNACK-PE4601 Datasheet
414Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
More results

Similar Description - PE4609

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4604 PASTERNACK-PE4604 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179, RG187
PE4610 PASTERNACK-PE4610 Datasheet
220Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment For RG179, RG187
PE4615 PASTERNACK-PE4615 Datasheet
207Kb / 2P
75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187
PE4616 PASTERNACK-PE4616 Datasheet
237Kb / 3P
75 Ohm BNC Female Connector Crimp/Solder Attachment For RG179, RG187
PE4257 PASTERNACK-PE4257 Datasheet
217Kb / 2P
75 Ohm SMB Plug Connector Clamp/Solder Attachment For RG179, RG187
PE4603 PASTERNACK-PE4603 Datasheet
286Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG179, RG187
PE44167 PASTERNACK-PE44167 Datasheet
118Kb / 1P
75 OHM TNC MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE44172 PASTERNACK-PE44172 Datasheet
276Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE4513 PASTERNACK-PE4513 Datasheet
118Kb / 1P
75 OHM N MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE4929 PASTERNACK-PE4929 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG179, RG187
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com