Electronic Components Datasheet Search
  English  ▼

X  

PE4610 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4610
Description  75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment For RG179, RG187
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4610 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4610 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4610 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4610 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Right Angle Connector Crimp/Solder Attachment For RG179, RG187
Configuration
Connector
BNC Male
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.064 [27.03]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
1.748 [44.4]
.
Weight, lbs [g]
0.061 [27.67]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 75 Ohm BNC Male Right Angle Connector Crimp/Solder Attachment For RG179,
RG187 PE4610
PE4610
PE4610 REV
75 Ohm BNC Male Right Angle Connector Crimp/
Solder Attachment For RG179, RG187


Similar Part No. - PE4610

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4610 PASTERNACK-PE4610 Datasheet
321Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4610 PASTERNACK-PE4610_16 Datasheet
321Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
More results

Similar Description - PE4610

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44168 PASTERNACK-PE44168 Datasheet
120Kb / 1P
75 OHM TNC MALE CRIMP ATTACHMENT FOR RG179 &RG187
PE4604 PASTERNACK-PE4604 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179, RG187
PE4609 PASTERNACK-PE4609 Datasheet
344Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE4615 PASTERNACK-PE4615 Datasheet
207Kb / 2P
75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187
PE4616 PASTERNACK-PE4616 Datasheet
237Kb / 3P
75 Ohm BNC Female Connector Crimp/Solder Attachment For RG179, RG187
PE4603 PASTERNACK-PE4603 Datasheet
286Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG179, RG187
PE44299 PASTERNACK-PE44299 Datasheet
295Kb / 3P
75 Ohm MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG179, RG187
PE44319 PASTERNACK-PE44319 Datasheet
251Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG179, RG187
PE4656 PASTERNACK-PE4656 Datasheet
228Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG179, RG187
PE4252 PASTERNACK-PE4252 Datasheet
265Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp - Solder Attachment For RG179, RG187
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com