Electronic Components Datasheet Search
  English  ▼

X  

PE4617 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4617
Description  75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4617 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4617 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4617 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal,
.500 inch Threaded Hole Spacing
Configuration
Connector
BNC Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.057 [26.85]
Width/Dia., in [mm]
0.687 [17.45]
Height, in [mm]
0.687 [17.45]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch
Threaded Hole Spacing PE4617
URL: http://www.pasternack.com/bnc-female-standard-solder-cup-terminal-connector-pe4617-p.aspx
PE4617
PE4617 REV
75 Ohm BNC Female Connector Solder Attachment 4 Hole
Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing


Similar Part No. - PE4617

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4610 PASTERNACK-PE4610 Datasheet
220Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment For RG179, RG187
PE4610 PASTERNACK-PE4610 Datasheet
321Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4610 PASTERNACK-PE4610_16 Datasheet
321Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4611 PASTERNACK-PE4611 Datasheet
226Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG6
PE4611 PASTERNACK-PE4611 Datasheet
333Kb / 3P
75 Ohm BNC Female Connector Clamp/ Solder Attachment
More results

Similar Description - PE4617

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4010 PASTERNACK-PE4010 Datasheet
250Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE4763 PASTERNACK-PE4763 Datasheet
238Kb / 2P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE44178 PASTERNACK-PE44178 Datasheet
292Kb / 3P
75 Ohm TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4630 PASTERNACK-PE4630 Datasheet
214Kb / 2P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4631 PASTERNACK-PE4631 Datasheet
217Kb / 3P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4756 PASTERNACK-PE4756 Datasheet
210Kb / 3P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4064 PASTERNACK-PE4064 Datasheet
243Kb / 2P
TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4064SP PASTERNACK-PE4064SP Datasheet
284Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4228 PASTERNACK-PE4228 Datasheet
252Kb / 2P
MHV Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com