Electronic Components Datasheet Search
  English  ▼

X  

D374 Datasheet(PDF) 1 Page - Agere Systems

Part # D374
Description  D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D374 Datasheet(HTML) 1 Page - Agere Systems

  D374 Datasheet HTML 1Page - Agere Systems D374 Datasheet HTML 2Page - Agere Systems D374 Datasheet HTML 3Page - Agere Systems D374 Datasheet HTML 4Page - Agere Systems D374 Datasheet HTML 5Page - Agere Systems D374 Datasheet HTML 6Page - Agere Systems D374 Datasheet HTML 7Page - Agere Systems D374 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D374-Type Digital Uncooled 2.5 Gbits/s
Laser Module
Data Sheet
December 2000
The low-profile D374-Type Laser Module is ideally suited for
short- and long-reach SONET and other high-speed digital
applications.
Features
s
2.5 Gbits/s operation
s
Eight-pin package suitable for SONET/SDH appli-
cations
s
MQW F-P 1.3
µm laser with single-mode fiber pig-
tail
s
Wide operating temperature range:
–40
°C to +85 °C
s
No TEC required
s
25
Ω input impedance
s
High output power: typically 1.0 mW peak power
coupled into single-mode fiber; 0.2 mW versions
available
s
Hermetically sealed active components
s
Internal back-facet monitor
s
Qualification program:
Telcordia Technologies * TA-
983
*
Telcordia Technologies is a registered trademark of Telcordia
Technologies, Inc.
Applications
s
Short-reach SONET OC-48 systems
s
SDH STM-16 systems
s
Telecommunications
s
Secure digital data systems
Benefits
s
Easily board mounted
s
Gull wing leads
s
No additional heat sinks required
Description
The D374-Type Uncooled Laser Module consists of a
laser diode coupled to a single-mode fiber pigtail.
The device is available in a standard, 8-pin configu-
ration (see Figure 1 and/or Table 1) and is ideal for
short-reach and other high-speed digital applica-
tions. It is developed specifically for 2.5 Gbits/s appli-
cations.
The module includes a multiquantum-well Fabry-
Perot (MQW F-P) laser and an InGaAs PIN photo-
diode back-facet monitor in an epoxy-free, hermeti-
cally sealed package.


Similar Part No. - D374

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
D37-015-020-ANBMG MITSUMI-D37-015-020-ANBMG Datasheet
81Kb / 2P
Detach Connectors
logo
Agere Systems
D370 AGERE-D370 Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
D370-02A AGERE-D370-02A Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
D370-02F AGERE-D370-02F Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
D370-02N AGERE-D370-02N Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
More results

Similar Description - D374

ManufacturerPart #DatasheetDescription
logo
Agere Systems
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
January 2000
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
Rev. 1 september 2001
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
Rev. 1 August 2001
A370 AGERE-A370 Datasheet
157Kb / 8P
A370-Type Analog Uncooled Laser Module
March 2001
D370 AGERE-D370 Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
D371 AGERE-D371 Datasheet
54Kb / 8P
D371-Type Digital Uncooled DFB Laser Module
January 1999
D372 AGERE-D372 Datasheet
56Kb / 8P
D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
December 2000
D572 AGERE-D572 Datasheet
370Kb / 8P
D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
February 2000
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
T92 AGERE-T92 Datasheet
89Kb / 8P
T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
March 2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com