Electronic Components Datasheet Search
  English  ▼

X  

PE4625 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4625
Description  75 Ohm BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4625 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4625 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4625 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4625 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole
Spacing
Configuration
Connector
BNC Male
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.21 [30.73]
Width/Dia., in [mm]
0.75 [19.05]
Height, in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 75 Ohm BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal,
.531 inch Hole Spacing PE4625
PE4625
PE4625 REV
75 Ohm BNC Male Connector Solder Attachment 4 Hole
Flange Solder Cup Terminal, .531 inch Hole Spacing


Similar Part No. - PE4625

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4620 PASTERNACK-PE4620 Datasheet
221Kb / 3P
75 Ohm BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4621 PASTERNACK-PE4621 Datasheet
220Kb / 3P
TECHNICAL DATA SHEET
PE4622 PASTERNACK-PE4622 Datasheet
215Kb / 2P
75 Ohm BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PE4623 PASTERNACK-PE4623 Datasheet
328Kb / 3P
RF Connectors Technical Data Sheet
PE4624 PASTERNACK-PE4624 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
More results

Similar Description - PE4625

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4082 PASTERNACK-PE4082 Datasheet
256Kb / 2P
BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal 531 inch Hole Spacing
PE4618 PASTERNACK-PE4618 Datasheet
280Kb / 2P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Turret Terminal, .531 inch Hole Spacing
PE4630 PASTERNACK-PE4630 Datasheet
214Kb / 2P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4631 PASTERNACK-PE4631 Datasheet
217Kb / 3P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4317 PASTERNACK-PE4317 Datasheet
240Kb / 2P
BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4628 PASTERNACK-PE4628 Datasheet
211Kb / 3P
75 Ohm BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4762 PASTERNACK-PE4762 Datasheet
203Kb / 2P
RP BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4470 PASTERNACK-PE4470 Datasheet
229Kb / 3P
TNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4708 PASTERNACK-PE4708 Datasheet
207Kb / 2P
RP TNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4082 PASTERNACK-PE4082_16 Datasheet
364Kb / 3P
BNC Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .531 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com