Electronic Components Datasheet Search
  English  ▼

X  

PE4627 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4627
Description  75 Ohm BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4627 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4627 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4627 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
Configuration
Connector
BNC Male
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.215 [30.86]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.034 [15.42]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D
Hole PE4627
URL: http://www.pasternack.com/bnc-male-standard-solder-cup-terminal-connector-pe4627-p.aspx
PE4627
PE4627 REV
75 Ohm BNC Male Bulkhead Connector Solder
Attachment Solder Cup Terminal, .350 inch D Hole


Similar Part No. - PE4627

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4620 PASTERNACK-PE4620 Datasheet
221Kb / 3P
75 Ohm BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4621 PASTERNACK-PE4621 Datasheet
220Kb / 3P
TECHNICAL DATA SHEET
PE4622 PASTERNACK-PE4622 Datasheet
215Kb / 2P
75 Ohm BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PE4623 PASTERNACK-PE4623 Datasheet
328Kb / 3P
RF Connectors Technical Data Sheet
PE4624 PASTERNACK-PE4624 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
More results

Similar Description - PE4627

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4211 PASTERNACK-PE4211 Datasheet
257Kb / 3P
BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4620 PASTERNACK-PE4620 Datasheet
221Kb / 3P
75 Ohm BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4490 PASTERNACK-PE4490 Datasheet
296Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4626 PASTERNACK-PE4626 Datasheet
219Kb / 3P
75 Ohm BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4758 PASTERNACK-PE4758 Datasheet
250Kb / 3P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44097 PASTERNACK-PE44097 Datasheet
205Kb / 2P
C Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4544 PASTERNACK-PE4544 Datasheet
207Kb / 2P
SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4761 PASTERNACK-PE4761 Datasheet
221Kb / 3P
RP BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4211 PASTERNACK-PE4211_17 Datasheet
350Kb / 3P
BNC Male Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com