Electronic Components Datasheet Search
  English  ▼

X  

PE4633 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4633
Description  75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B150
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4633 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4633 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4633 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4633 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Connector Crimp/
Solder Attachment For PE-B150
75 Ohm BNC Male Connector Crimp/Solder Attachment For PE-B150
Configuration
Connector
BNC Male
Connector Interface Type
PE-B150
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.929 [23.6]
Width/Dia., in [mm]
0.571 [15]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Connector Crimp/Solder Attachment For PE-B150 PE4633
PE4633
PE4633 REV


Similar Part No. - PE4633

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4630 PASTERNACK-PE4630 Datasheet
214Kb / 2P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4631 PASTERNACK-PE4631 Datasheet
217Kb / 3P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4632 PASTERNACK-PE4632 Datasheet
241Kb / 3P
BNC Female Bulkhead Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393, .480 inch D Hole
PE4634 PASTERNACK-PE4634 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B305
PE4635 PASTERNACK-PE4635 Datasheet
282Kb / 3P
75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
More results

Similar Description - PE4633

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4247 PASTERNACK-PE4247 Datasheet
253Kb / 2P
BNC Male Connector Crimp/Solder Attachment For PE-B150, RG180, RG195
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4634 PASTERNACK-PE4634 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B305
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE4600 PASTERNACK-PE4600 Datasheet
257Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG11
PE44627 PASTERNACK-PE44627 Datasheet
206Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A
PE4641 PASTERNACK-PE4641 Datasheet
218Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For PE-B150, .480 inch D Hole
PE44625 PASTERNACK-PE44625 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For Mini 59, PE-B159
PE4600 PASTERNACK-PE4600_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4604 PASTERNACK-PE4604_16 Datasheet
322Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com