Electronic Components Datasheet Search
  English  ▼

X  

PE4636 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4636
Description  75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4636 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4636 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4636 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
Configuration
Connector
BNC Female
Connector Interface Type
RG11,RG216
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.53 [38.86]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
BNC Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480
inch D Hole PE4636
URL: http://www.pasternack.com/bnc-female-standard-rg11-rg216-connector-pe4636-p.aspx
PE4636
PE4636 REV
75 Ohm BNC Female Bulkhead Connector Clamp/Solder
Attachment For RG11, RG216, .480 inch D Hole


Similar Part No. - PE4636

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4630 PASTERNACK-PE4630 Datasheet
214Kb / 2P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4631 PASTERNACK-PE4631 Datasheet
217Kb / 3P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4632 PASTERNACK-PE4632 Datasheet
241Kb / 3P
BNC Female Bulkhead Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393, .480 inch D Hole
PE4633 PASTERNACK-PE4633 Datasheet
222Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B150
PE4634 PASTERNACK-PE4634 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B305
More results

Similar Description - PE4636

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44175 PASTERNACK-PE44175 Datasheet
357Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, .480 inch D Hole
PE4635 PASTERNACK-PE4635 Datasheet
282Kb / 3P
75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
PE4515 PASTERNACK-PE4515 Datasheet
206Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG11, RG144, RG216, .480 inch D Hole
PE4637 PASTERNACK-PE4637 Datasheet
288Kb / 3P
75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG59, .480 inch D Hole
PE44163 PASTERNACK-PE44163 Datasheet
310Kb / 2P
75 Ohm TNC Male Connector Clamp/Solder Attachment For RG11, RG216
PE44173 PASTERNACK-PE44173 Datasheet
240Kb / 3P
75 Ohm TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
PE44174 PASTERNACK-PE44174 Datasheet
225Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
PE4599 PASTERNACK-PE4599 Datasheet
237Kb / 3P
75 Ohm BNC Male Connector Clamp/ Solder Attachment For RG11, RG216
PE4612 PASTERNACK-PE4612 Datasheet
233Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG11, RG216
PE4606 PASTERNACK-PE4606 Datasheet
235Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG11, RG216
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com