Electronic Components Datasheet Search
  English  ▼

X  

PE4645 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4645
Description  N Female Connector Clamp/Solder Attachment For RG14, RG217
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4645 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4645 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4645 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Clamp/Solder Attachment For RG14, RG217
Configuration
Connector
N Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG14,RG217
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.78 [45.21]
Width/Dia., in [mm]
0.875 [22.23]
.
Weight, lbs [g]
0.151 [68.49]
Connector
Type
N Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Connector Clamp/Solder Attachment For RG14, RG217 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Clamp/Solder Attachment For RG14, RG217 PE4645
URL: http://www.pasternack.com/n-female-standard-rg14-rg217-connector-pe4645-p.aspx
PE4645
PE4645 REV
N Female Connector Clamp/Solder Attachment For RG14, RG217


Similar Part No. - PE4645

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4640 PASTERNACK-PE4640 Datasheet
322Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG179, RG187, .480 inch D Hole
PE4641 PASTERNACK-PE4641 Datasheet
218Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For PE-B150, .480 inch D Hole
PE4642 PASTERNACK-PE4642 Datasheet
212Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp/ Solder Attachment For PE-B305, .480 inch D Hole
PE4643 PASTERNACK-PE4643 Datasheet
291Kb / 3P
BNC Male Connector Crimp - Solder Attachment For RG178, RG196
PE4644 PASTERNACK-PE4644 Datasheet
289Kb / 3P
Mini UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Rear Mount
More results

Similar Description - PE4645

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4563 PASTERNACK-PE4563 Datasheet
215Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG14, RG217
PE4951 PASTERNACK-PE4951 Datasheet
270Kb / 3P
C Male Connector Clamp/Solder Attachment For RG14, RG217
PE44276 PASTERNACK-PE44276 Datasheet
229Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG14, RG217
PE4976 PASTERNACK-PE4976 Datasheet
232Kb / 2P
SC Male Connector Clamp/Solder Attachment For RG14, RG217
PE4475 PASTERNACK-PE4475 Datasheet
312Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG14, RG217
PE4963 PASTERNACK-PE4963 Datasheet
220Kb / 2P
C Female Connector Clamp-Solder Attachment For RG14, RG217
PE44592 PASTERNACK-PE44592 Datasheet
247Kb / 3P
HN Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
PE4221 PASTERNACK-PE4221 Datasheet
223Kb / 3P
N Male Connector Clamp - Solder Attachment For RG14, RG217
PE44288 PASTERNACK-PE44288 Datasheet
237Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For RG14, RG217
PE45307 PASTERNACK-PE45307 Datasheet
408Kb / 3P
HN Male Right Angle Connector Clamp Solder Attachment for RG14, RG217
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com