Electronic Components Datasheet Search
  English  ▼

X  

PE4662 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4662
Description  RP TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4662 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4662 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4662 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4662 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
Configuration
Connector
TNC Male Reverse Polarity
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.05 [26.67]
Width/Dia., in [mm]
0.59 [14.99]
.
Weight, lbs [g]
0.048 [21.77]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: RP TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142,
RG223, RG400 PE4662
PE4662
PE4662 REV
RP TNC Male Connector Clamp/Solder Attachment For
RG58, RG55, RG141, RG142, RG223, RG400


Similar Part No. - PE4662

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4660 PASTERNACK-PE4660 Datasheet
111Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG213
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4663 PASTERNACK-PE4663 Datasheet
222Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4664 PASTERNACK-PE4664 Datasheet
108Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG58
PE4665 PASTERNACK-PE4665 Datasheet
363Kb / 3P
RF Connectors Technical Data Sheet
More results

Similar Description - PE4662

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4054 PASTERNACK-PE4054 Datasheet
279Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4676 PASTERNACK-PE4676 Datasheet
319Kb / 3P
RP TNC Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4736 PASTERNACK-PE4736 Datasheet
275Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4067 PASTERNACK-PE4067 Datasheet
315Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4684 PASTERNACK-PE4684 Datasheet
233Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4714 PASTERNACK-PE4714 Datasheet
237Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4766 PASTERNACK-PE4766 Datasheet
228Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4792 PASTERNACK-PE4792 Datasheet
229Kb / 3P
RP SMA Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4068 PASTERNACK-PE4068 Datasheet
300Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com