Electronic Components Datasheet Search
  English  ▼

X  

D2525P54 Datasheet(PDF) 2 Page - Agere Systems

Part # D2525P54
Description  Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2525P54 Datasheet(HTML) 2 Page - Agere Systems

  D2525P54 Datasheet HTML 1Page - Agere Systems D2525P54 Datasheet HTML 2Page - Agere Systems D2525P54 Datasheet HTML 3Page - Agere Systems D2525P54 Datasheet HTML 4Page - Agere Systems D2525P54 Datasheet HTML 5Page - Agere Systems D2525P54 Datasheet HTML 6Page - Agere Systems D2525P54 Datasheet HTML 7Page - Agere Systems D2525P54 Datasheet HTML 8Page - Agere Systems D2525P54 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Wavelength-Selected D2525P
Data Sheet
Isolated DFB Laser Module with PMF
March 2000
2
2
Lucent Technologies Inc.
Description (continued)
Controlled Feedback
The module contains an internal optical isolator that sup-
presses optical feedback in laser-based, fiber-optic sys-
tems. Light reflected back to the laser is attenuated a
minimum of 30 dB.
Controlled Temperature
An integral thermoelectric cooler (TEC) provides stable
thermal characteristics. The TEC allows for heating and
cooling of the laser chip to maintain a temperature of 25
°C
for case temperatures from –40
°C to +70 °C. The laser
temperature is monitored by the internal thermistor, which
can be used with external circuitry to control the laser chip
temperature.
Controlled Power
An internal, InGaAs, PIN photodiode functions as the back-
facet monitor. The photodiode monitors emission from the
rear facet of the laser and, when used in conjunction with
control circuitry, can control optical power launched into the
fiber. Normally, this configuration is used in a feedback
arrangement to maintain consistent laser output power.
Standard Package
The laser module is fabricated in a 14-pin, hermetic, metal/
ceramic butterfly package that incorporates a bias tee that
separates the dc-bias path from the RF input. The RF input
has a nominal 25
Ω impedance.
The laser module is equipped with
Fujikura* polarization-
maintaining fiber (PMF). The fiber is PANDA type and is the
same fiber that is used on Lucent Technologies Microelec-
tronics Group’s lithium niobate modulators. It has a mode
field diameter of 10.5
µm, a cladding diameter of 123 µm—
128
µm, and a loose tube jacketed fiber 900 µm in diame-
ter. The pigtail is terminated with an
ST ® ferrule†. Figure 1
shows the orientation of polarization in the fiber.
Lucent’s optoelectronic components are being qualified to
rigorous internal standards that are consistent with
Telcor-
dia Technologies ‡ TR-NWT-000468. All design and manu-
facturing operations are
ISO§ 9001 certified. The module is
being fully qualified for central office applications.
*
Fujikura is a registered trademark of Fujikura Ltd.
† The
ST ferrule key is not aligned to slow axis of fiber. Connector is
intended for testing purposes only.
‡
Telcordia Technologies is a trademark of Bell Communications
Research, Inc.
§
ISO is a registered trademark of The International Organization for
Standardization.
Figure 1. Polarization-Maintaining Fiber
Pin Information
1. A positive current through the thermoelectric heat pump cools the
laser.
2. Both leads should be grounded for optimum performance.
Top view.
Figure 2. Circuit Schematic
Table 1. Pin Descriptions
Pin
Name
1
Thermistor
2
Thermistor
3
Laser dc Bias (Cathode) (–)
4
Back-facet Monitor Anode (–)
5
Back-facet Monitor Cathode (+)
6
Thermoelectric Cooler (+)1
7
Thermoelectric Cooler (–)1
8
Case Ground
9
Case Ground
10
Case Ground
11
Laser Anode (+) 2
12
RF Laser Input Cathode (–)
13
Laser Anode (+) 2
14
Case Ground
1-771(C).a
CORE
STRESS ROD
PRINCIPAL POLARIZATION
AXIS
CLADDING
INNER COATING
(SILICON & ACRYLATE)
OUTER COATING
(ACRYLATE OR NYLON)
1-567
TEC
L1
160 nH
ISOLATOR
R1
20
Ω
PACKAGE
GROUNDS
–+
+
–
–
+–
+
76
5
4
3
2
1
8
9
10
11
12
13
TH
10 k
Ω
14



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com