Electronic Components Datasheet Search
  English  ▼

X  

PE4690 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4690
Description  RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4690 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4690 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4690 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
Configuration
Connector
TNC Female Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
RG316,RG174,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.288 [32.72]
Width/Dia., in [mm]
0.45 [11.43]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
TNC Female Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188 PE4690
URL: http://www.pasternack.com/tnc-female-reverse-polarity-rg316-rg174-rg188-connector-pe4690-p.aspx
PE4690
PE4690 REV
RP TNC Female Connector Crimp/Solder
Attachment For RG316, RG174, RG188


Similar Part No. - PE4690

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4691 PASTERNACK-PE4691 Datasheet
120Kb / 1P
REVERSE POLARITY TNC FEMALE CLAMP ATTACHMENT FOR RG178 & RG196
PE4692 PASTERNACK-PE4692 Datasheet
125Kb / 1P
REVERSE POLARITY TNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402. PE-SR402AK & PE-SR402FL
PE4693 PASTERNACK-PE4693 Datasheet
125Kb / 1P
REVERSE POLARITY TNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL PE-SR405FL
PE4694 PASTERNACK-PE4694 Datasheet
234Kb / 3P
RP TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141 RG142, RG223, RG400, .480 inch D Hole
PE4695 PASTERNACK-PE4695 Datasheet
87Kb / 1P
REVERSE POLARITY TNC MALE BULKHEAD CRIMP ATTACHMENT FOR RG55 RG142 RG223& RG400
More results

Similar Description - PE4690

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4681 PASTERNACK-PE4681 Datasheet
318Kb / 3P
RP TNC Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4796 PASTERNACK-PE4796 Datasheet
206Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4797 PASTERNACK-PE4797 Datasheet
220Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4462 PASTERNACK-PE4462 Datasheet
300Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4700 PASTERNACK-PE4700 Datasheet
319Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .480 inch D Hole
PE4742 PASTERNACK-PE4742 Datasheet
219Kb / 2P
RP BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com