Electronic Components Datasheet Search
  English  ▼

X  

PE4718 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4718
Description  RP BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4718 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4718 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4718 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP BNC Male Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
BNC Male Reverse Polarity
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.085 [27.56]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Male Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP BNC Male Connector Crimp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Male Connector Crimp/Solder Attachment For RG59, RG62 PE4718
URL:
http://www.pasternack.com/bnc-male-reverse-polarity-rg59-rg62-connector-pe4718-p.aspx
PE4718
PE4718 REV
RP BNC Male Connector Crimp/Solder
Attachment For RG59, RG62


Similar Part No. - PE4718

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4710 PASTERNACK-PE4710 Datasheet
98Kb / 1P
MHV MALE RIGHT ANGLE CLAMP ATTACHMENT FOR RG174, RG188 &RG316
PE4711 PASTERNACK-PE4711 Datasheet
478Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4712 PASTERNACK-PE4712 Datasheet
85Kb / 1P
REVERSE POLARITY BNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4713 PASTERNACK-PE4713 Datasheet
208Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4714 PASTERNACK-PE4714 Datasheet
237Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4718

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4075 PASTERNACK-PE4075 Datasheet
153Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG59, RG62
PE4308 PASTERNACK-PE4308 Datasheet
246Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4731 PASTERNACK-PE4731 Datasheet
265Kb / 2P
RP BNC Male Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4195 PASTERNACK-PE4195 Datasheet
272Kb / 2P
BNC Male Right Angle Connector Crimp/ Solder attachment for RG59, RG62
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4717 PASTERNACK-PE4717 Datasheet
261Kb / 2P
RP BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4739 PASTERNACK-PE4739 Datasheet
252Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4740 PASTERNACK-PE4740 Datasheet
260Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4024 PASTERNACK-PE4024 Datasheet
317Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4018 PASTERNACK-PE4018 Datasheet
247Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG59, RG62
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com