Electronic Components Datasheet Search
  English  ▼

X  

PE44547 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44547
Description  7/16 DIN Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44547 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44547 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44547 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
Configuration
Connector
7/16 DIN Female
Connector Interface Type
PE-C600,0.600 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
2.01 [51.05]
Width/Dia., in [mm]
1.14 [28.96]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
7/16 DIN Female
Contact Material and Plating
Spring Bronze, Silver
Contact Plating Specification
5µ in. minimum
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
2µ in. minimum
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch PE44547
URL: http://www.pasternack.com/7-16-female-standard-pe-c600-0.600-connector-pe44547-p.aspx
PE44547
PE44547 REV
7/16 DIN Female Connector Crimp/Solder
Attachment For PE-C600, 0.600 inch


Similar Part No. - PE44547

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4454 PASTERNACK-PE4454 Datasheet
119Kb / 1P
TNC MALE RIGHT ANLGE CLAMP ATTACHMENT
PE44540 PASTERNACK-PE44540 Datasheet
288Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C195, 0.195 inch
PE44541 PASTERNACK-PE44541 Datasheet
263Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44543 PASTERNACK-PE44543 Datasheet
215Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C600, 0.600 inch
More results

Similar Description - PE44547

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44546 PASTERNACK-PE44546 Datasheet
287Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44523 PASTERNACK-PE44523 Datasheet
246Kb / 2P
N Male Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44535 PASTERNACK-PE44535 Datasheet
256Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44537 PASTERNACK-PE44537 Datasheet
265Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44545 PASTERNACK-PE44545 Datasheet
281Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44543 PASTERNACK-PE44543 Datasheet
215Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C600, 0.600 inch
PE44539 PASTERNACK-PE44539 Datasheet
210Kb / 2P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C600, LMR-600
PE44551 PASTERNACK-PE44551 Datasheet
276Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, 1.161 inch DD Hole
PE45001 PASTERNACK-PE45001 Datasheet
402Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment for LMR-600, PE-C600
PE4575 PASTERNACK-PE4575_16 Datasheet
322Kb / 3P
7/16 DIN Female Connector Crimp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com