Electronic Components Datasheet Search
  English  ▼

X  

PE4465 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4465
Description  TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4465 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4465 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4465 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
Configuration
Connector
TNC Female
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.423 [36.14]
Width/Dia., in [mm]
0.688 [17.48]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
TNC Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4465
URL: http://www.pasternack.com/tnc-female-standard-rg59-rg62-connector-pe4465-p.aspx
PE4465
PE4465 REV
TNC Female Bulkhead Connector Crimp/Solder
Attachment For RG59, RG62, .480 inch D Hole


Similar Part No. - PE4465

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44650A PASTERNACK-PE44650A Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44650B PASTERNACK-PE44650B Datasheet
216Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44650C PASTERNACK-PE44650C Datasheet
219Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44650D PASTERNACK-PE44650D Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44650H PASTERNACK-PE44650H Datasheet
217Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
More results

Similar Description - PE4465

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4697 PASTERNACK-PE4697 Datasheet
854Kb / 2P
RP TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4750 PASTERNACK-PE4750 Datasheet
259Kb / 2P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4310 PASTERNACK-PE4310 Datasheet
228Kb / 3P
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4309 PASTERNACK-PE4309 Datasheet
256Kb / 2P
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4749 PASTERNACK-PE4749 Datasheet
273Kb / 2P
RP BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4914 PASTERNACK-PE4914 Datasheet
245Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, RG71, .235 inch D Hole
PE4315 PASTERNACK-PE4315 Datasheet
302Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4459 PASTERNACK-PE4459 Datasheet
206Kb / 2P
TNC Female Connector Crimp - Solder Attachment For RG59, RG62
PE4464 PASTERNACK-PE4464 Datasheet
228Kb / 3P
TNC Female Bulkhead Connector Clamp - Solder Attachment For RG59, RG62, .480 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com