Electronic Components Datasheet Search
  English  ▼

X  

PE4466 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4466
Description  TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4466 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4466 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4466 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4466 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Female Bulkhead Connector Crimp/Solder Attachment
For RG174, RG316, RG188, .480 inch D Hole
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
Configuration
Connector
TNC Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Frequency 1
Frequency, MHz
DC to 1,000
VSWR
1.5:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.425 [36.2]
Width/Dia., in [mm]
0.689 [18]
Weight, lbs [g]
0.041 [18.6]
Connector
Type
TNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480
inch D Hole PE4466
PE4466
PE4466 REV


Similar Part No. - PE4466

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4466 PASTERNACK-PE4466 Datasheet
420Kb / 3P
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44660 PASTERNACK-PE44660 Datasheet
226Kb / 3P
MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE44662 PASTERNACK-PE44662 Datasheet
229Kb / 3P
MMCX Plug Connector Solder Attachment Surface Mount PCB
PE44663 PASTERNACK-PE44663 Datasheet
674Kb / 3P
MMCX Plug Connector Solder Attachment End Launch PCB
More results

Similar Description - PE4466

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4752 PASTERNACK-PE4752 Datasheet
290Kb / 3P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4462 PASTERNACK-PE4462 Datasheet
300Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4106 PASTERNACK-PE4106 Datasheet
318Kb / 3P
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4700 PASTERNACK-PE4700 Datasheet
319Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .480 inch D Hole
PE44507 PASTERNACK-PE44507 Datasheet
227Kb / 3P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .268 inch D Hole
PE44643 PASTERNACK-PE44643 Datasheet
208Kb / 2P
SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG188, RG316, .252 inch D Hole
PE45177 PASTERNACK-PE45177 Datasheet
419Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com