Electronic Components Datasheet Search
  English  ▼

X  

PE4471 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4471
Description  TNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4471 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4471 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4471 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4471 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
Configuration
Connector
TNC Female
Connector Specification
MIL-C-39012
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.358 [34.49]
Width/Dia., in [mm]
0.59 [14.99]
Height, in [mm]
0.83 [21.08]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
TNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: TNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal,
.361 inch D Hole PE4471
PE4471
PE4471 REV
TNC Female Right Angle Bulkhead Connector Solder
Attachment Solder Cup Terminal, .361 inch D Hole


Similar Part No. - PE4471

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4471 PASTERNACK-PE4471 Datasheet
345Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment
PE44710 PASTERNACK-PE44710 Datasheet
843Kb / 3P
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44711 PASTERNACK-PE44711 Datasheet
852Kb / 3P
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44712 PASTERNACK-PE44712 Datasheet
875Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44713 PASTERNACK-PE44713 Datasheet
868Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
More results

Similar Description - PE4471

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44180 PASTERNACK-PE44180 Datasheet
238Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4759 PASTERNACK-PE4759 Datasheet
240Kb / 2P
RP BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PE4704 PASTERNACK-PE4704 Datasheet
254Kb / 3P
RP TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4300 PASTERNACK-PE4300 Datasheet
221Kb / 3P
SMA Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE4055 PASTERNACK-PE4055 Datasheet
254Kb / 2P
BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PE4063 PASTERNACK-PE4063 Datasheet
207Kb / 1P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminalm, 410 inch D Hole
PE44177 PASTERNACK-PE44177 Datasheet
236Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4065 PASTERNACK-PE4065 Datasheet
350Kb / 3P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4706 PASTERNACK-PE4706 Datasheet
222Kb / 3P
RP TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4622 PASTERNACK-PE4622 Datasheet
215Kb / 2P
75 Ohm BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com