Electronic Components Datasheet Search
  English  ▼

X  

FW803 Datasheet(PDF) 13 Page - Agere Systems

Part # FW803
Description  PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW803 Datasheet(HTML) 13 Page - Agere Systems

Back Button FW803 Datasheet HTML 9Page - Agere Systems FW803 Datasheet HTML 10Page - Agere Systems FW803 Datasheet HTML 11Page - Agere Systems FW803 Datasheet HTML 12Page - Agere Systems FW803 Datasheet HTML 13Page - Agere Systems FW803 Datasheet HTML 14Page - Agere Systems FW803 Datasheet HTML 15Page - Agere Systems FW803 Datasheet HTML 16Page - Agere Systems FW803 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Agere Systems Inc.
13
Data Sheet, Rev. 3
June 2001
Three-Cable Transceiver/Arbiter Device
FW803 PHY IEEE 1394A
Electrical Characteristics
Table 3. Analog Characteristics
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply Voltage
Source power node
VDD—SP
3.0
3.3
3.6
V
Differential Input Voltage
Cable inputs, 100 Mbits/s operation
VID—100
142
—
260
mV
Cable inputs, 200 Mbits/s operation
VID—200
132
—
260
mV
Cable inputs, 400 Mbits/s operation
VID—400
100
—
260
mV
Cable inputs, during arbitration
VID—ARB
168
—
265
mV
Common-mode Voltage
Source Power Mode
TPB cable inputs,
speed signaling off
VCM
1.165
—
2.515
V
TPB cable inputs,
S100 speed signaling on
VCM—SP—100
1.165
—
2.515
V
TPB cable inputs,
S200 speed signaling on
VCM—SP—200
0.935
—
2.515
V
TPB cable inputs,
S400 speed signaling on
VCM—SP—400
0.532
—
2.515
V
Common-mode Voltage
Nonsource Power Mode*
* For a node that does not source power (see Section 4.2.2.2 in IEEE 1394-1995 Standard).
TPB cable inputs,
speed signaling off
VCM
1.165
—
2.015
V
TPB cable inputs,
S100 speed signaling on
VCM—NSP—100
1.165
—
2.015
V
TPB cable inputs,
S200 speed signaling on
VCM—NSP—200
0.935
—
2.015
V
TPB cable inputs,
S400 speed signaling on
VCM—NSP—400
0.532
—
2.015
V
Receive Input Jitter
TPA, TPB cable inputs,
100 Mbits/s operation
——
—
1.08
ns
TPA, TPB cable inputs,
200 Mbits/s operation
——
—
0.5
ns
TPA, TPB cable inputs,
400 Mbits/s operation
——
—
0.315
ns
Receive Input Skew
Between TPA and TPB cable inputs,
100 Mbits/s operation
——
—
0.8
ns
Between TPA and TPB cable inputs,
200 Mbits/s operation
——
—
0.55
ns
Between TPA and TPB cable inputs,
400 Mbits/s operation
——
—
0.5
ns
Positive Arbitration
Comparator Input
Threshold Voltage
—VTH+89
—
168
mV
Negative Arbitration
Comparator Input
Threshold Voltage
—VTH
−
–168
—
–89
mV
Speed Signal Input
Threshold Voltage
200 Mbits/s
VTH—S200
45
—
139
mV
400 Mbits/s
VTH—S400
266
—
445
mV
Output Current
TPBIAS outputs
IO
–5
—
2.5
mA
TPBIAS Output Voltage
At rated I/O current
VO
1.665
—
2.015
V
Current Source for
Connect Detect Circuit
—ICD
——
76
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com