Electronic Components Datasheet Search
  English  ▼

X  

PE4490 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4490
Description  N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4490 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4490 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4490 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4490 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
Configuration
Connector
N Male
Connector Specification
MIL-C-39012
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.41 [35.81]
Width/Dia., in [mm]
0.8 [20.32]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
N Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4490
PE4490
PE4490 REV
N Male Bulkhead Connector Solder Attachment
Solder Cup Terminal, .350 inch D Hole


Similar Part No. - PE4490

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4490 PASTERNACK-PE4490 Datasheet
317Kb / 3P
N Male Bulkhead Mount Connector Solder Attachment
PE44900 PASTERNACK-PE44900 Datasheet
399Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174A - U, RG188, LMR-100 IP 67 Rated
PE44901 PASTERNACK-PE44901 Datasheet
440Kb / 3P
TNC Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG316 - u, RG174A - U, LMR-100 IP 67 Rated
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE44903 PASTERNACK-PE44903 Datasheet
413Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
More results

Similar Description - PE4490

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4211 PASTERNACK-PE4211 Datasheet
257Kb / 3P
BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4627 PASTERNACK-PE4627 Datasheet
284Kb / 2P
75 Ohm BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44118 PASTERNACK-PE44118 Datasheet
253Kb / 2P
SHV Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44097 PASTERNACK-PE44097 Datasheet
205Kb / 2P
C Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44149 PASTERNACK-PE44149 Datasheet
204Kb / 2P
FME Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4544 PASTERNACK-PE4544 Datasheet
207Kb / 2P
SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4761 PASTERNACK-PE4761 Datasheet
221Kb / 3P
RP BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4490BK PASTERNACK-PE4490BK Datasheet
447Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Black Finish
PE4211 PASTERNACK-PE4211_17 Datasheet
350Kb / 3P
BNC Male Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com