Electronic Components Datasheet Search
  English  ▼

X  

PE4506 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4506
Description  75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4506 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4506 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4506 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4506 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Female Bulkhead Connector Solder
Attachment Solder Cup Terminal, .380 inch Diameter
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
Configuration
Connector
N Female
Connector Specification
MIL-STD-100
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
75
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.135 [28.83]
Width/Dia., in [mm]
0.63 [16]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
N Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch
Diameter PE4506
PE4506
PE4506 REV


Similar Part No. - PE4506

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4506 PASTERNACK-PE4506 Datasheet
345Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
PE45064 PASTERNACK-PE45064 Datasheet
375Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Crimp - Crimp Attachment for RG58, PE-C195, PE-P195, LMR-195
PE45065 PASTERNACK-PE45065 Datasheet
367Kb / 2P
TNC Male Connector Crimp - Solder Attachment for RG58-P, RG122
PE45067 PASTERNACK-PE45067 Datasheet
345Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Terminal
PE4506 PASTERNACK-PE4506_16 Datasheet
345Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
More results

Similar Description - PE4506

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44180 PASTERNACK-PE44180 Datasheet
238Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4549 PASTERNACK-PE4549 Datasheet
297Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .250 inch Diameter
PE4620 PASTERNACK-PE4620 Datasheet
221Kb / 3P
75 Ohm BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4193 PASTERNACK-PE4193 Datasheet
257Kb / 3P
MHV Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch DD HOLE
PE4168 PASTERNACK-PE4168 Datasheet
204Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter
PE44177 PASTERNACK-PE44177 Datasheet
236Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4505 PASTERNACK-PE4505 Datasheet
207Kb / 2P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4488 PASTERNACK-PE4488 Datasheet
870Kb / 2P
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4193 PASTERNACK-PE4193_16 Datasheet
349Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE44330 PASTERNACK-PE44330 Datasheet
344Kb / 3P
75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com